Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82144A2685J000 Datasheet(PDF) 5 Page - TDK Electronics

Part # B82144A2685J000
Description  RF chokes, LBC series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82144A2685J000 Datasheet(HTML) 5 Page - TDK Electronics

  B82144A2685J000 Datasheet HTML 1Page - TDK Electronics B82144A2685J000 Datasheet HTML 2Page - TDK Electronics B82144A2685J000 Datasheet HTML 3Page - TDK Electronics B82144A2685J000 Datasheet HTML 4Page - TDK Electronics B82144A2685J000 Datasheet HTML 5Page - TDK Electronics B82144A2685J000 Datasheet HTML 6Page - TDK Electronics B82144A2685J000 Datasheet HTML 7Page - TDK Electronics B82144A2685J000 Datasheet HTML 8Page - TDK Electronics B82144A2685J000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
1) Closer tolerances on request.
2) For Ammo pack the last digit has to be a »9«. Example: B82144A2102K009
LR
H
Tolerance1)
Qmin
fQ
MHz
IR
mA
Rmax
fres,min
MHz
Ordering code
(reel packing)2)
1.0
10%
K
40
7.96
2200
0.08
200
B82144A2102K000
1.5
40
7.96
2100
0.09
190
B82144A2152K000
2.2
40
7.96
1900
0.11
140
B82144A2222K000
3.3
40
7.96
1750
0.13
120
B82144A2332K000
4.7
40
7.96
1600
0.16
100
B82144A2472K000
6.8
40
7.96
1500
0.19
80
B82144A2682K000
10
60
2.52
1400
0.22
60
B82144A2103K000
15
60
2.52
1250
0.28
20
B82144A2153K000
22
50
2.52
1100
0.35
12
B82144A2223K000
33
5%
J
40
2.52
900
0.43
8.0
B82144A2333J000
47
40
2.52
800
0.50
5.0
B82144A2473J000
68
30
2.52
700
0.60
4.5
B82144A2683J000
100
50
0.796
600
0.70
3.5
B82144A2104J000
150
50
0.796
500
0.90
3.0
B82144A2154J000
220
50
0.796
400
1.60
2.4
B82144A2224J000
330
50
0.796
330
1.90
2.0
B82144A2334J000
470
40
0.796
280
2.50
1.5
B82144A2474J000
680
30
0.796
240
2.80
1.3
B82144A2684J000
1000
60
0.252
200
3.80
1.2
B82144A2105J000
1500
60
0.252
160
6.00
1.0
B82144A2155J000
2200
60
0.252
120
9.00
0.8
B82144A2225J000
3300
60
0.252
110
12.0
0.6
B82144A2335J000
4700
60
0.252
90
20.0
0.5
B82144A2475J000
6800
60
0.252
80
30.0
0.4
B82144A2685J000
10000
50
0.0796
60
42.0
0.35
B82144A2106J000
15000
50
0.0796
50
68.0
0.30
B82144A2156J000
22000
50
0.0796
40
120
0.26
B82144A2226J000
33000
50
0.0796
35
150
0.22
B82144A2336J000
47000
40
0.0796
30
230
0.18
B82144A2476J000
68000
40
0.0796
25
290
0.15
B82144A2686J000
100000
30
0.0796
20
420
0.12
B82144A2107J000
^
^
B82144A
RF chokes
LBC series, 5.2 x 12 (mm)


Similar Part No. - B82144A2685J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A2685J000 EPCOS-B82144A2685J000 Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82144A2685J000 EPCOS-B82144A2685J000 Datasheet
186Kb / 9P
   Inductors
B82144A2685J000 EPCOS-B82144A2685J000 Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
More results

Similar Description - B82144A2685J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com