Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B78148S1332K000 Datasheet(PDF) 2 Page - TDK Electronics

Part # B78148S1332K000
Description  RF chokes, BC series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B78148S1332K000 Datasheet(HTML) 2 Page - TDK Electronics

  B78148S1332K000 Datasheet HTML 1Page - TDK Electronics B78148S1332K000 Datasheet HTML 2Page - TDK Electronics B78148S1332K000 Datasheet HTML 3Page - TDK Electronics B78148S1332K000 Datasheet HTML 4Page - TDK Electronics B78148S1332K000 Datasheet HTML 5Page - TDK Electronics B78148S1332K000 Datasheet HTML 6Page - TDK Electronics B78148S1332K000 Datasheet HTML 7Page - TDK Electronics B78148S1332K000 Datasheet HTML 8Page - TDK Electronics B78148S1332K000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
BC chokes (Bobbin Core)
Rated inductance 1 ... 4700 μH
Rated current 55 ... 1200 mA
Construction
Ferrite drum core
Winding: enamel copper wire
Flame-retardant lacquer coating
Features
Wide inductance range
Suitable for general-purpose application
Special versions available
Suitable for wave soldering
RoHS-compatible
Applications
RF blocking and filtering
Decoupling and interference suppression
For antenna systems, automotive electronics,
energy-saving lamps, entertainment electronics
Terminals
Central axial leads (B78108S)
Radially bent to 5 mm lead spacing (B78148S)
Base material Cu
Electroplated with nickel and pure tin
Marking
Inductance indicated by color bands to IEC 60062
Delivery mode and packing units
Taped, Ammo and reel packing
Packing units:
Ammo
(pcs./pack.)
Reel
(pcs./reel)
Axial
2500
5000
Radial
2500
2000
B78108S
B78148S
B78108S, B78148S
RF chokes
BC series, 4 x 9.2 (mm)


Similar Part No. - B78148S1332K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78148S1332K000 EPCOS-B78148S1332K000 Datasheet
223Kb / 10P
   Chokes and inductors
More results

Similar Description - B78148S1332K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
logo
EPCOS
B78108S1105J EPCOS-B78108S1105J Datasheet
598Kb / 9P
   Inductors RF chokes, BC series
logo
TDK Electronics
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B78108T1102K000 TDK-B78108T1102K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com