Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82144A2224J000 Datasheet(PDF) 3 Page - TDK Electronics

Part # B82144A2224J000
Description  RF chokes, LBC series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82144A2224J000 Datasheet(HTML) 3 Page - TDK Electronics

  B82144A2224J000 Datasheet HTML 1Page - TDK Electronics B82144A2224J000 Datasheet HTML 2Page - TDK Electronics B82144A2224J000 Datasheet HTML 3Page - TDK Electronics B82144A2224J000 Datasheet HTML 4Page - TDK Electronics B82144A2224J000 Datasheet HTML 5Page - TDK Electronics B82144A2224J000 Datasheet HTML 6Page - TDK Electronics B82144A2224J000 Datasheet HTML 7Page - TDK Electronics B82144A2224J000 Datasheet HTML 8Page - TDK Electronics B82144A2224J000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing
Packing
Dimensions in mm
9.2 max.
11.5 max.
IND0429-B-E
6±0.5
65±1
lacquered
(IEC 60294)
3.5 min.
53±2
12 max.
IND0431-4-E
65±1
14.8 max.
lacquered
6±0.5
(IEC 60294)
53±2
3.5 min.
Dimensions in mm
Minimum lead spacing 15 mm
n
w
30
30
Label
IND0452-V-E
n (mm): 72 +1
w (mm): 84 max
L
W
H (max. mm): 275
80
140
IND0635-W-E
L
W
H
B82144A
RF chokes
LBC series, 5.2 x 12 (mm)


Similar Part No. - B82144A2224J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A2224J000 EPCOS-B82144A2224J000 Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82144A2224J000 EPCOS-B82144A2224J000 Datasheet
186Kb / 9P
   Inductors
B82144A2224J000 EPCOS-B82144A2224J000 Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
More results

Similar Description - B82144A2224J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com