Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82134A5401M000 Datasheet(PDF) 6 Page - TDK Electronics

Part # B82134A5401M000
Description  VHF chokes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82134A5401M000 Datasheet(HTML) 6 Page - TDK Electronics

  B82134A5401M000 Datasheet HTML 1Page - TDK Electronics B82134A5401M000 Datasheet HTML 2Page - TDK Electronics B82134A5401M000 Datasheet HTML 3Page - TDK Electronics B82134A5401M000 Datasheet HTML 4Page - TDK Electronics B82134A5401M000 Datasheet HTML 5Page - TDK Electronics B82134A5401M000 Datasheet HTML 6Page - TDK Electronics B82134A5401M000 Datasheet HTML 7Page - TDK Electronics B82134A5401M000 Datasheet HTML 8Page - TDK Electronics B82134A5401M000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
06/12
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent 4294A or S-parameter network analyzer
Agilent 8753ES, typical values at +20 °C
B82131A5***M000
B82133A5***M000
B82132A5***M000
B82134A5***M000
IND0146-1
10 6
f
10 7
10 8
10 9
Hz
Z
||
10 0
Ω
A5402
1
10
2
10
3
10
4
10
5
10
6
10
A5302
A5202
A5152
A5701
A5151
A5301
A5401
B82131
IND0148-6
10 6
f
10 7
10 8
10 9
Hz
Z
||
10 0
Ω
1
10
2
10
3
10
4
10
5
10
6
10
A5151
A5301
A5701
A5401
A5302
A5402
A5202
A5152
B82133
IND0147-5
10 6
f
10 7
10 8
10 9
Hz
Z
||
10 0
Ω
1
10
2
10
3
10
4
10
5
10
6
10
A5151
A5301
A5401
A5701
A5202
A5152
A5402
A5302
B82132
IND0149-9
10 6
f
10 7
10 8
10 9
Hz
Z
||
10 0
Ω
1
10
2
10
3
10
4
10
5
10
6
10
A5152
A5202
A5302
A5401
A5701
A5301
A5151
B82134
B82131 … B82134
VHF chokes


Similar Part No. - B82134A5401M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82134A5401M000 EPCOS-B82134A5401M000 Datasheet
108Kb / 7P
   Chokes and inductors
B82134A5401M000 EPCOS-B82134A5401M000 Datasheet
136Kb / 9P
   Inductors
More results

Similar Description - B82134A5401M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82111BC16 EPCOS-B82111BC16 Datasheet
519Kb / 7P
   VHF chokes
B82111E EPCOS-B82111E Datasheet
106Kb / 7P
   VHF chokes
logo
TDK Electronics
B82111B0000C011 TDK-B82111B0000C011 Datasheet
531Kb / 7P
   VHF chokes
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
   Inductors VHF chokes
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
logo
Eichhoff Electronics,In...
DZA010 EICHHOFF-DZA010 Datasheet
90Kb / 2P
   UKW Drosseln VHF chokes Selfs O.U.C.
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236 Datasheet
195Kb / 2P
   CHOKES
logo
TDK Electronics
B82614R2102A030 TDK-B82614R2102A030 Datasheet
743Kb / 7P
   Power line chokes Sine-wave chokes
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
PREMO CORPORATION S.L
PL0R6-06HA PREMO-PL0R6-06HA Datasheet
212Kb / 3P
   Linear chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com