Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82144A2153K000 Datasheet(PDF) 2 Page - TDK Electronics

Part # B82144A2153K000
Description  RF chokes, LBC series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82144A2153K000 Datasheet(HTML) 2 Page - TDK Electronics

  B82144A2153K000 Datasheet HTML 1Page - TDK Electronics B82144A2153K000 Datasheet HTML 2Page - TDK Electronics B82144A2153K000 Datasheet HTML 3Page - TDK Electronics B82144A2153K000 Datasheet HTML 4Page - TDK Electronics B82144A2153K000 Datasheet HTML 5Page - TDK Electronics B82144A2153K000 Datasheet HTML 6Page - TDK Electronics B82144A2153K000 Datasheet HTML 7Page - TDK Electronics B82144A2153K000 Datasheet HTML 8Page - TDK Electronics B82144A2153K000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
LBC choke (Large Bobbin Core)
Rated inductance 1 ... 100 000 μH
Rated current 20 ... 2200 mA
Construction
Large ferrite drum core
Winding: enamel copper wire
Flame-retardant lacquer coating
Features
Very wide inductance range
High rated current
Suitable for wave soldering
RoHS-compatible
Applications
RF blocking and filtering
Decoupling and interference suppression
For telecommunications (12- or 16-kHz blocking filter),
automotive electronics, energy-saving lamps,
entertainment electronics
Terminals
Central axial leads
Base material CuAg0.1
Electroplated with nickel and pure tin
Marking
Inductance indicated by color bands to IEC 60062
Delivery mode and packing units
Taped, Ammo and reel packing
Packing units:
Ammo
(pcs./pack.)
Reel
(pcs./reel)
Axial
1250
1500
B82144A
RF chokes
LBC series, 5.2 x 12 (mm)


Similar Part No. - B82144A2153K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A2153K000 EPCOS-B82144A2153K000 Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82144A2153K000 EPCOS-B82144A2153K000 Datasheet
186Kb / 9P
   Inductors
B82144A2153K000 EPCOS-B82144A2153K000 Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
More results

Similar Description - B82144A2153K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com