Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B78148T1682K000 Datasheet(PDF) 3 Page - TDK Electronics

Part # B78148T1682K000
Description  RF chokes, MCC series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B78148T1682K000 Datasheet(HTML) 3 Page - TDK Electronics

  B78148T1682K000 Datasheet HTML 1Page - TDK Electronics B78148T1682K000 Datasheet HTML 2Page - TDK Electronics B78148T1682K000 Datasheet HTML 3Page - TDK Electronics B78148T1682K000 Datasheet HTML 4Page - TDK Electronics B78148T1682K000 Datasheet HTML 5Page - TDK Electronics B78148T1682K000 Datasheet HTML 6Page - TDK Electronics B78148T1682K000 Datasheet HTML 7Page - TDK Electronics B78148T1682K000 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
03/15
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawings
B78108T (axial leads, taped)
Dimensions in mm
B78148T (central radial leads, taped)
Packing
Minimum lead spacing 10 mm
Thickness of tape
n (mm): Axial 72 +1, radial 42 +1
w (mm): Axial 84 max., radial 54 max.
L
W
H (max. mm):
Axial: 310
75
120, radial: 340
50
210
B78108T, B78148T
RF chokes
MCC series, 3.3 x 7 (mm)


Similar Part No. - B78148T1682K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78148T EPCOS-B78148T Datasheet
191Kb / 9P
   Inductors
B78148T EPCOS-B78148T Datasheet
685Kb / 9P
   RF chokes, MCC series Ceramic or ferrite cylinder core
B78148T3101K000 EPCOS-B78148T3101K000 Datasheet
685Kb / 9P
   RF chokes, MCC series Ceramic or ferrite cylinder core
B78148T3121K000 EPCOS-B78148T3121K000 Datasheet
685Kb / 9P
   RF chokes, MCC series Ceramic or ferrite cylinder core
B78148T3151K000 EPCOS-B78148T3151K000 Datasheet
685Kb / 9P
   RF chokes, MCC series Ceramic or ferrite cylinder core
More results

Similar Description - B78148T1682K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78108T EPCOS-B78108T_12 Datasheet
685Kb / 9P
   RF chokes, MCC series Ceramic or ferrite cylinder core
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108S1185J009 TDK-B78108S1185J009 Datasheet
615Kb / 9P
   RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com