Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57891M0682000 Datasheet(PDF) 3 Page - TDK Electronics

Part # B57891M0682000
Description  NTC thermistors for temperature measurement
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57891M0682000 Datasheet(HTML) 3 Page - TDK Electronics

  B57891M0682000 Datasheet HTML 1Page - TDK Electronics B57891M0682000 Datasheet HTML 2Page - TDK Electronics B57891M0682000 Datasheet HTML 3Page - TDK Electronics B57891M0682000 Datasheet HTML 4Page - TDK Electronics B57891M0682000 Datasheet HTML 5Page - TDK Electronics B57891M0682000 Datasheet HTML 6Page - TDK Electronics B57891M0682000 Datasheet HTML 7Page - TDK Electronics B57891M0682000 Datasheet HTML 8Page - TDK Electronics B57891M0682000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
R25
No. of R/T
characteristic
B25/100
K
Ordering code
+ =
Resistance tolerance
J =
±5%
K =
±10%
33 k
2904
4300
±3%
B57891M0333+000
47 k
4012
4355
±3%
B57891M0473+000
68 k
4012
4355
±3%
B57891M0683+000
100 k
4003
4450
±3%
B57891M0104+000
150 k
2005
4600
±3%
B57891M0154+000
220 k
2005
4600
±3%
B57891M0224+000
330 k
2007
4830
±3%
B57891M0334+000
470 k
2006
5000
±3%
B57891M0474+000
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 125
°C
t: 1000 h
< 3%
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-78
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
< 2%
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature:
40
°C
Upper test temperature: 125
°C
Number of cycles: 100
< 2%
No visible
damage
Endurance
Pmax: 200 mW
t: 1000 h
< 3%
No visible
damage
Long-term stability
(empirical value)
Temperature: 70
°C
t: 10000 h
< 5%
No visible
damage
Note
Contact of NTC thermistors with any liquids and solvents shall be prevented. It must be
ensured that no water enters the NTC thermistors (e.g. through plug terminals).
Avoid dewing and condensation unless thermistor is specified for these conditions.
Temperature measurement and compensation
B57891M
Leaded NTC thermistors, lead spacing 2.5 mm
M891
Page 3 of 28
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57891M0682000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57891M0682000 EPCOS-B57891M0682000 Datasheet
546Kb / 28P
   NTC thermistors for temperature measurement
More results

Similar Description - B57891M0682000

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com