Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPM-40MS-12xx Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MPM-40MS-12xx
Description  40W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-40MS-12xx Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MPM-40MS-12xx Datasheet HTML 1Page - MicroPower Direct, LLC MPM-40MS-12xx Datasheet HTML 2Page - MicroPower Direct, LLC MPM-40MS-12xx Datasheet HTML 3Page - MicroPower Direct, LLC MPM-40MS-12xx Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Mechanical Dimensions, DIN Rail Mount
Pin
Single
Dual
1
AC Neutral
AC Neutral
2
AC Line
AC Line
3+VOUT
+VOUT
4
NC
NC
5-VOUT
Common
6NC
NC
7NC
-VOUT
NC = No Connection
Pin Connections
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.5)
DIN Rail Mounting
All chassis mount MPM-40Mx models are easily
adapted for use with a standard 35 mm DIN rail by
installing a simple adapter kit.
The DIN rail kit consists of a base plate, a DIN rail
bracket and the necessary hardware. Mechanical dimen-
sions for an MPM-40Mx assembly with the DIN rail
option are shown below.
For the MPM-40Mx series the DIN rail kit is: AC-DIN-02.


Similar Part No. - MPM-40MS-12xx

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-40 MPD-MPM-40 Datasheet
255Kb / 2P
   Board Mount, 40W Single, Dual & Triple Out AC/DC Power Supplies
MPM-40D-05 MPD-MPM-40D-05 Datasheet
255Kb / 2P
   Board Mount, 40W Single, Dual & Triple Out AC/DC Power Supplies
MPM-40D-0512 MPD-MPM-40D-0512 Datasheet
255Kb / 2P
   Board Mount, 40W Single, Dual & Triple Out AC/DC Power Supplies
MPM-40D-0524 MPD-MPM-40D-0524 Datasheet
255Kb / 2P
   Board Mount, 40W Single, Dual & Triple Out AC/DC Power Supplies
MPM-40D-12 MPD-MPM-40D-12 Datasheet
255Kb / 2P
   Board Mount, 40W Single, Dual & Triple Out AC/DC Power Supplies
More results

Similar Description - MPM-40MS-12xx

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE40 SLPOWER-TE40 Datasheet
751Kb / 4P
   40W Single Output External Power
ME40 SLPOWER-ME40_16 Datasheet
483Kb / 4P
   40W Single Output External Power
TE40 SLPOWER-TE40_16 Datasheet
764Kb / 5P
   40W Single Output External Power
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
T-40 MEANWELL-T-40 Datasheet
387Kb / 2P
   40W Triple Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
T-40 MEANWELL-T-40_10 Datasheet
395Kb / 2P
   40W Triple Output Switching Power Supply
logo
Total Power Internation...
T-40 TOTAL-POWER-T-40 Datasheet
386Kb / 2P
   40W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com