Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS3H7 Datasheet(PDF) 10 Page - ISOCOM COMPONENTS

Part # IS3H7
Description  Half Pitch 1.27mm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS3H7 Datasheet(HTML) 10 Page - ISOCOM COMPONENTS

Back Button IS3H7 Datasheet HTML 2Page - ISOCOM COMPONENTS IS3H7 Datasheet HTML 3Page - ISOCOM COMPONENTS IS3H7 Datasheet HTML 4Page - ISOCOM COMPONENTS IS3H7 Datasheet HTML 5Page - ISOCOM COMPONENTS IS3H7 Datasheet HTML 6Page - ISOCOM COMPONENTS IS3H7 Datasheet HTML 7Page - ISOCOM COMPONENTS IS3H7 Datasheet HTML 8Page - ISOCOM COMPONENTS IS3H7 Datasheet HTML 9Page - ISOCOM COMPONENTS IS3H7 Datasheet HTML 10Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 15/11/2013
DC93174
IS3H7
ISOCOM
COMPONENTS
Notes:
- Isocom is continually improving the quality, reliability, function or design and Isocom reserves
the right to make changes without further notices.
- The products shown in this publication are designed for the general use in electronic
applications such as office automation equipment, communications devices, audio/visual
equipment, electrical application and instrumentation.
- For equipment/application where high reliability or safety is required, such as space applica-
tions, nuclear power control equipment, medical equipment, etc., please contact our sales
representatives.
- When requiring a device for any ”specific” application, please contact our sales for advice.
- The contents described herein are subject to change without prior notice.
- Do not immerse device body in solder paste.


Similar Part No. - IS3H7

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS3H&A ISOCOM-IS3H&A Datasheet
1Mb / 10P
   Half Pitch 1.27mm
IS3H&A ISOCOM-IS3H&A Datasheet
1Mb / 10P
   Half Pitch 1.27mm
IS3H&A ISOCOM-IS3H&A Datasheet
1Mb / 10P
   Half Pitch 1.27mm
IS3H&A ISOCOM-IS3H&A Datasheet
1Mb / 10P
   Half Pitch 1.27mm
IS3H&A ISOCOM-IS3H&A Datasheet
1Mb / 10P
   Half Pitch 1.27mm
More results

Similar Description - IS3H7

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
EL3H7 ISOCOM-EL3H7 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
PC3H7 ISOCOM-PC3H7 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
TCMT1100 ISOCOM-TCMT1100 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
PS2801 ISOCOM-PS2801 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
TLP281 ISOCOM-TLP281 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
IS280 ISOCOM-IS280 Datasheet
637Kb / 10P
   Half Pitch 1.27mm
logo
Japan Aviation Electron...
DF02 JAE-DF02 Datasheet
561Kb / 11P
   Half-pitch (1.27mm) Interface Connector
logo
Hirose Electric
FX1-144S-1.27DS HIROSE-FX1-144S-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
logo
Molex Electronics Ltd.
0459703313 MOLEX6-0459703313 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug
0459713111 MOLEX6-0459713111 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com