Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLF6045NIT-4R7N-D Datasheet(PDF) 8 Page - TDK Electronics

Part # CLF6045NIT-4R7N-D
Description  Inductors for Power Circuits Wound Ferrite
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF6045NIT-4R7N-D Datasheet(HTML) 8 Page - TDK Electronics

  CLF6045NIT-4R7N-D Datasheet HTML 1Page - TDK Electronics CLF6045NIT-4R7N-D Datasheet HTML 2Page - TDK Electronics CLF6045NIT-4R7N-D Datasheet HTML 3Page - TDK Electronics CLF6045NIT-4R7N-D Datasheet HTML 4Page - TDK Electronics CLF6045NIT-4R7N-D Datasheet HTML 5Page - TDK Electronics CLF6045NIT-4R7N-D Datasheet HTML 6Page - TDK Electronics CLF6045NIT-4R7N-D Datasheet HTML 7Page - TDK Electronics CLF6045NIT-4R7N-D Datasheet HTML 8Page - TDK Electronics CLF6045NIT-4R7N-D Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
(8/9)
INDUC
T
O
RS
20160411 / inductor_automotive_power_clf6045ni-d_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CLF6045NI-D Type
ELECTRICAL CHARACTERISTICS
INDUCTANCE VS. DC BIAS CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
05
6
7
8
9
1234
10
DC current(A)
10
0.1
1
100
1000
471
331
221
151
101
680
470
330
220
150
100
6R8
4R7
3R3
2R2
1R5
1R0
Product No.
Manufacturer
4285A+42841A+42842C
Keysight Technologies


Similar Part No. - CLF6045NIT-4R7N-D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-101M TDK-CLF6045T-101M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-150M TDK-CLF6045T-150M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-151M TDK-CLF6045T-151M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-1R0N TDK-CLF6045T-1R0N Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - CLF6045NIT-4R7N-D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
VLS3015ET-2R2M TDK-VLS3015ET-2R2M Datasheet
742Kb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com