Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57885S0103002 Datasheet(PDF) 11 Page - TDK Electronics

Part # B57885S0103002
Description  NTC thermistors for temperature measurement
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57885S0103002 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B57885S0103002 Datasheet HTML 7Page - TDK Electronics B57885S0103002 Datasheet HTML 8Page - TDK Electronics B57885S0103002 Datasheet HTML 9Page - TDK Electronics B57885S0103002 Datasheet HTML 10Page - TDK Electronics B57885S0103002 Datasheet HTML 11Page - TDK Electronics B57885S0103002 Datasheet HTML 12Page - TDK Electronics B57885S0103002 Datasheet HTML 13Page - TDK Electronics B57885S0103002 Datasheet HTML 14Page - TDK Electronics B57885S0103002 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
3
Taping of radial leaded NTC thermistors
Dimensions and tolerances
Lead spacing F = 2.5 mm and 5.0 mm (taping to IEC 60286-2)
Dimensions (mm)
Lead
spacing
2.5 mm
Lead
spacing
5 mm
Tolerance of
lead spacing
2.5/5 mm
Remarks
w
11.0
11.5
max.
th
5.0
6.0
max.
d
0.5/0.6
0.5/0.6
±0.05
P0
12.7
12.7
±0.3
±1 mm / 20 sprocket holes
P1
5.1
3.85
±0.7
F
2.5
5.0
+0.6/ 0.1
∆h
0
0
±2.0
measured at top of component body
∆p
0
0
±1.3
W
18.0
18.0
±0.5
W0
5.5
5.5
min.
peel-off force
≥5 N
W1
9.0
9.0
+0.75/ 0.5
W2
3.0
3.0
max.
H
18.0
18.0
+2.0/ 0
H0
16.0
16.0
±0.5
H1
32.2
32.2
max.
D0
4.0
4.0
±0.2
t
0.9
0.9
max.
without wires
L
11.0
11.0
max.
L1
4.0
4.0
max.
Temperature measurement and compensation
B57885S
Leaded NTC thermistors, lead spacing 5 mm
S885
Page 11 of 27
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57885S0103002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0103002 EPCOS-B57885S0103002 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
More results

Similar Description - B57885S0103002

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com