Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25655P4507K141 Datasheet(PDF) 2 Page - TDK Electronics

Part # B25655P4507K141
Description  PCC Power Capacitors for HybridPACKTM IGBT Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25655P4507K141 Datasheet(HTML) 2 Page - TDK Electronics

  B25655P4507K141 Datasheet HTML 1Page - TDK Electronics B25655P4507K141 Datasheet HTML 2Page - TDK Electronics B25655P4507K141 Datasheet HTML 3Page - TDK Electronics B25655P4507K141 Datasheet HTML 4Page - TDK Electronics B25655P4507K141 Datasheet HTML 5Page - TDK Electronics B25655P4507K141 Datasheet HTML 6Page - TDK Electronics B25655P4507K141 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technology
© EPCOS AG 2016
2
Fig. 1: Cross section of a metalized film capacitor
Fig. 2: Self-healing property of a metalized film capacitor
Metallized film capacitors (fig.1)
have the advantage that for
certain failures in the dielectric the
capacitor will not go into short
thanks to the ultrathin metallized
electrode (thickness typical 10 to
100 nm) and the use of aluminium
as material for the electrodes. If a
breakdown occurs, the aluminium
will evaporate around the break-
down spot and immediately
oxidize to Al
2 O3, which is an
excellent insulator. So the
breakdown spot becomes high-
impedance and is insulated from
the rest of the capacitor. The
insulated area is formed in a few
microseconds and ensures the full
functionality of the capacitor after
breakdown.
This behaviour is called
“clearing”
or
“self-healing” (fig. 2). In prin-
ciple there should not be any
further clearing during the service
life, since all capacitors are
typically “cleared” with a voltage
of 1.5 times the rated voltage
during the production process.
Additionally, to limit the energy
dissipation during a clearing event,
for some designs at least one
electrode is divided into segments,
connected by small links or fuses.
The capacitors are typically
named “segmented” or
“structured” metalized film
capacitors. See fig. 3 example of
a “T-segmentation”:
EPCOS possesses different
winding technologies:
 The stacked technology,
typically used for PCC film
capacitors, for which the film is
already wound flat on the
winding machine. This tech-
nology offers the highest fill
factor and the lowest ESR.
 The flat pressed winding tech-
nology which is most commonly
used on the market for this type
of application today. This tech-
nology offers the lowest costs at
a good performance.
Typical rated voltages (V):
IGBT
rated
voltage
PCC capacitor
Rated
voltage
Maximum
voltage
1)
650 - 705 450
500
750
500
550
1200
900
950
1) For limited time, please refer to data sheet
The rated voltage is defined as the
continuous operating voltage tak-
ing into account for the calculation
of the expected lifetime.
The maximum voltage is the
maximum operating voltage to be
applied on the capacitor for short
operations (e.g. up to 10% of the
expected calculated lifetime).
A detailed lifetime calculation
based on a mission profile (voltage,
temperature) can be submitted
upon request.
Film assembly
Self-healing property
1) Metal-end spray layer
4) Heavy-edge
2) Free margin
5) Dielectric
3) Metallization, flat or CSP
(with or without structure)
1) Organic dielectric
7) Boundary layer between
2) Metalized electrodes
plasma zone and
3) Material displacing shock wave
dielectric
4) Air gap
8) Break down channel
5, 6) Plasma discharge zone
9) Dielectric in gas zone
10) Isolation area


Similar Part No. - B25655P4507K141

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25655P4507K000 TDK-B25655P4507K000 Datasheet
1Mb / 10P
   PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
More results

Similar Description - B25655P4507K141

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25655M9108K EPCOS-B25655M9108K Datasheet
496Kb / 5P
   Film capacitors - Power electronic capacitors PCC series for IGBT modules
logo
TDK Electronics
B25655 TDK-B25655 Datasheet
1Mb / 10P
   PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
logo
Isahaya Electronics Cor...
M57962K-01R ISAHAYA-M57962K-01R Datasheet
326Kb / 7P
   DRIVER FOR IGBT MODULES
VLA500-02 ISAHAYA-VLA500-02 Datasheet
121Kb / 6P
   DRIVER FOR IGBT MODULES
VLA504-01R ISAHAYA-VLA504-01R Datasheet
467Kb / 7P
   DRIVER FOR IGBT MODULES
VLA539-01R ISAHAYA-VLA539-01R Datasheet
106Kb / 6P
   DRIVER FOR IGBT MODULES
VLA503-01R ISAHAYA-VLA503-01R Datasheet
460Kb / 7P
   DRIVER FOR IGBT MODULES
VLA500-02R ISAHAYA-VLA500-02R Datasheet
245Kb / 8P
   DRIVER FOR IGBT MODULES
logo
EPCOS
B25655J4507K005 EPCOS-B25655J4507K005_1 Datasheet
179Kb / 6P
   PCC series for Full HEV HybridPACK??
B25655J4307K001 EPCOS-B25655J4307K001 Datasheet
159Kb / 6P
   PCC series for Mild HEV HybridPACK??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com