Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57352V5104F360 Datasheet(PDF) 2 Page - TDK Electronics

Part # B57352V5104F360
Description  NTC thermistors for temperature measurement
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57352V5104F360 Datasheet(HTML) 2 Page - TDK Electronics

  B57352V5104F360 Datasheet HTML 1Page - TDK Electronics B57352V5104F360 Datasheet HTML 2Page - TDK Electronics B57352V5104F360 Datasheet HTML 3Page - TDK Electronics B57352V5104F360 Datasheet HTML 4Page - TDK Electronics B57352V5104F360 Datasheet HTML 5Page - TDK Electronics B57352V5104F360 Datasheet HTML 6Page - TDK Electronics B57352V5104F360 Datasheet HTML 7Page - TDK Electronics B57352V5104F360 Datasheet HTML 8Page - TDK Electronics B57352V5104F360 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1) Depends on mounting situation
Applications
Temperature measurement and compensation
Features
Qualification based on AEC-Q200 Rev-D
Multilayer SMD NTC with inner electrodes
Nickel barrier termination
For temperature measurement up to 150
°C
Excellent long-term aging stability in high
temperature and high humidity environment
UL approval (E69802)
Options
Alternative resistance ratings, resistance
tolerances and B value tolerances available on
request.
Delivery mode
Cardboard tape, 180-mm reel
Dimensional drawing
Dimensions in mm
Approx. weight 6 mg
General technical data
Operating temperature range
Top
40 ... 150
°C
Max. power
(at 25
°C, on PCB) P
25
1)
180
mW
Resistance tolerance
∆R
R/RR
±1, ±3, ±5
%
Rated temperature
TR
25
°C
Dissipation factor
(on PCB)
δ
th
1)
approx. 3
mW/K
Thermal cooling time constant
(on PCB)
τ
c
1)
approx. 4
s
Heat capacity
Cth1)
approx. 12
mJ/K
Temperature measurement and compensation
B573**V5
SMD NTC thermistors, case size 0603 (1608)
Automotive series
Page 2 of 23
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57352V5104F360

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57352V5104F360 TDK-B57352V5104F360 Datasheet
492Kb / 23P
   NTC thermistors for temperature measurement
B57352V5104F360 TDK-B57352V5104F360 Datasheet
492Kb / 23P
   NTC thermistors for temperature measurement
More results

Similar Description - B57352V5104F360

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com