Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57371V2103H060 Datasheet(PDF) 10 Page - TDK Electronics

Part # B57371V2103H060
Description  NTC thermistors for temperature measurement
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57371V2103H060 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B57371V2103H060 Datasheet HTML 6Page - TDK Electronics B57371V2103H060 Datasheet HTML 7Page - TDK Electronics B57371V2103H060 Datasheet HTML 8Page - TDK Electronics B57371V2103H060 Datasheet HTML 9Page - TDK Electronics B57371V2103H060 Datasheet HTML 10Page - TDK Electronics B57371V2103H060 Datasheet HTML 11Page - TDK Electronics B57371V2103H060 Datasheet HTML 12Page - TDK Electronics B57371V2103H060 Datasheet HTML 13Page - TDK Electronics B57371V2103H060 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
1.4
Packing units for discrete chip and array chip
Case size
Chip thickness
Cardboard tape Blister tape
∅ 180-mm reel ∅ 330-mm reel
inch/mm
th
W
W
pcs.
pcs.
0402/1005
0.5 mm
8 mm
10000
50000
0603/1608
0.8 mm
8 mm
8 mm
4000
16000
0805/2012
0.8 mm
8 mm
4000
16000
1.2 mm
8 mm
3000
12000
1206/3216
0.8 mm
8 mm
3000
12000
1.2 mm
8 mm
3000
12000
2
Packing codes
The last two digits of the complete ordering code state the packing mode:
Last two digits
60
SMD
Cardboard tape
180-mm reel packing
62
SMD
Blister tape
180-mm reel packing
70
SMD
Cardboard tape
330-mm reel packing
72
SMD
Blister tape
330-mm reel packing
Temperature measurement and compensation
B573**V2
SMD NTC thermistors, case size 0603 (1608)
Standard series
Page 10 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57371V2103H060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57371V2103H060 EPCOS-B57371V2103H060 Datasheet
421Kb / 20P
   NTC thermistors for temperature measurement
B57371V2103H060 EPCOS-B57371V2103H060 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
More results

Similar Description - B57371V2103H060

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com