Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25620C1147K101 Datasheet(PDF) 10 Page - TDK Electronics

Part # B25620C1147K101
Description  Power Electronic Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25620C1147K101 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B25620C1147K101 Datasheet HTML 6Page - TDK Electronics B25620C1147K101 Datasheet HTML 7Page - TDK Electronics B25620C1147K101 Datasheet HTML 8Page - TDK Electronics B25620C1147K101 Datasheet HTML 9Page - TDK Electronics B25620C1147K101 Datasheet HTML 10Page - TDK Electronics B25620C1147K101 Datasheet HTML 11Page - TDK Electronics B25620C1147K101 Datasheet HTML 12Page - TDK Electronics B25620C1147K101 Datasheet HTML 13Page - TDK Electronics B25620C1147K101 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Film Capacitors
B2562*
Power Electronic Capacitors
MKP DC
CAP FILM P PM
January 2016
Please read Cautions and warnings and
Page 10 of 23
Important notes at the end of this document.
VR DC = 1100 V DC / VTT = 1650 V DC, 10 s / VTC = 4000 V AC, 10 s
CR
µF
IMAX
1
A
Is
kA
Î
kA
ESR
2
m
Lself
nH
RTH
K/W
D
mm
HC
mm
HT
mm
Weight
kg
Fig.
Ordering code
140
50
8.6
2.9
1.4
40
4.0
85
70
76
0.45
1
B25620B1147K101
140
50
8.6
2.9
1.4
40
4.0
85
74
76
0.48
2
B25620C1147K101
220
55
9.5
3.2
1.6
40
3.3
90
83
112
0.53
3
B25623B1227K104
270
55
9.6
3.2
1.8
40
3.0
90
95
124
0.73
3
B25623B1277K104
280
75
17.2
5.7
1.2
40
2.9
116
70
76
0.9
4
B25620B1287K103
310
50
8.6
2.9
2.3
40
2.9
85
120
126
0.71
1
B25620B1317K101
310
50
8.6
2.9
2.3
40
2.9
85
124
126
0.73
2
B25620C1317K101
370
60
9.5
3.2
2.1
40
2.8
90
120
149
0.9
3
B25623B1377K104
400
75
17.3
5.8
1.5
40
2.4
85
152
154
1
2
B25620D1407K101
420
63
8.8
2.9
2.4
40
2.8
85
135
141
0.87
1
B25620B1427A101*
420
63
8.8
2.9
2.4
40
2.8
85
139
141
0.9
2
B25620C1427A101*
420
75
17.3
5.8
1.5
40
2.4
85
155
161
1
1
B25620B1427K101
420
75
17.3
5.8
1.5
40
2.4
85
159
161
1
2
B25620C1427K101
420
60
9.5
3.2
2.4
40
2.5
90
132
161
1
3
B25623B1427K104
450
75
16.5
5.4
2.0
40
2.3
116
95
101
1.13
4
B25620B1457K103
450
80
17.3
5.8
1.1
60
2.1
85
177
179
1.05
2
B25620D1457K101
470
60
9.5
3.2
2.6
60
2.3
90
145
174
1.2
3
B25623B1477K104
480
80
17.3
5.8
1.8
60
2.1
85
173
179
1.05
1
B25620B1487K101
480
80
17.3
5.8
1.8
60
2.1
85
177
179
1.08
2
B25620C1487K101
530
80
18.8
6.3
1.0
60
2.0
90
173
202
1.3
3
B25623B1537K104
610
80
16.8
5.6
1.7
40
2.2
116
120
126
1.4
4
B25620B1617K103
610
80
17
5.7
1.2
60
1.9
85
227
229
2.2
2
B25620D1617K101
700
80
16.8
5.6
1.8
40
2.1
116
132
138
1.55
4
B25620B1707K103
700
100
27
8.9
0.9
60
2.0
116
177
179
2.05
5
B25620D1707K103
940
100
32.7
11.0
1.2
60
2.0
116
173
179
2.06
4
B25620B1947K103
1100
100
30.8
10.3
1.5
100
1.8
116
223
229
2.56
4
B25620B1118K103
1500
100
32.5
10.8
1.3

90
1.5
116
273
279
2.8
4
B25620B1158K103
* Capacitance tolerance A: -15% ... 0%
1 I
MAX at 40 °C, refer to “current derating” section for more details
2 ESR at 1 kHz (typical value)
Other configurations and capacitance tolerances available upon request


Similar Part No. - B25620C1147K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25620C1147K101 EPCOS-B25620C1147K101 Datasheet
368Kb / 20P
   Film Capacitors ??Power Electronic Capacitors
More results

Similar Description - B25620C1147K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B25655J4267K001 EPCOS-B25655J4267K001 Datasheet
410Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com