Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ33 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # SMDJ33
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMDJ33 Datasheet(HTML) 3 Page - Nanjing International Group Co

  SMDJ33 Datasheet HTML 1Page - Nanjing International Group Co SMDJ33 Datasheet HTML 2Page - Nanjing International Group Co SMDJ33 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMDJ54
SMDJ54C
HGD
IGD
54
60.0
76.0
1.0
96.3
31.2
5.0
SMDJ54A
SMDJ54CA
HGE
IGE
54
60.0
69.0
1.0
87.1
34.4
5.0
SMDJ58
SMDJ58C
HGF
IGF
58
64.4
81.6
1.0
103
29.1
5.0
SMDJ58A
SMDJ58CA
HGG
IGG
58
64.4
74.1
1.0
93.6
32.1
5.0
SMDJ60
SMDJ60C
HGH
IGH
60
66.7
84.5
1.0
107
28.0
5.0
SMDJ60A
SMDJ60CA
HGK
IGK
60
66.7
76.7
1.0
96.8
31.0
5.0
SMDJ64
SMDJ64C
HGL
IGL
64
71.1
90.1
1.0
114
26.3
5.0
SMDJ64A
SMDJ64CA
HGM
IGM
64
71.1
81.8
1.0
103
29.1
5.0
SMDJ70
SMDJ70C
HGN
IGN
70
77.8
98.6
1.0
125
24.0
5.0
SMDJ70A
SMDJ70CA
HGP
IGP
70
77.8
89.5
1.0
113
26.5
5.0
SMDJ75
SMDJ75C
HGQ
IGQ
75
83.0
105.7
1.0
134
22.4
5.0
SMDJ75A
SMDJ75CA
HGR
IGR
75
83.0
95.8
1.0
121
24.8
5.0
SMDJ78
SMDJ78C
HGS
IGS
78
86.0
109.8
1.0
139
21.6
5.0
SMDJ78A
SMDJ78CA
HGT
IGT
78
86.0
99.7
1.0
126
23.8
5.0
SMDJ85
SMDJ85C
HGU
IGU
85
94.0
119.2
1.0
151
19.9
5.0
SMDJ85A
SMDJ85CA
HGV
IGV
85
94.0
108.2
1.0
137
21.9
5.0
SMDJ90
SMDJ90C
HGW
IGW
90
100
126.5
1.0
160
18.8
5.0
SMDJ90A
SMDJ90CA
HGX
IGX
90
100
115.5
1.0
146
20.5
5.0
SMDJ100
SMDJ100C
HGY
IGY
100
111
141.0
1.0
179
16.8
5.0
SMDJ100A
SMDJ100CA
HGZ
IGZ
100
111
128.0
1.0
162
18.5
5.0
SMDJ110
SMDJ110C
HHD
IHD
110
122
154.5
1.0
196
15.3
5.0
SMDJ110A
SMDJ110CA
HHE
IHE
110
122
140.5
1.0
177
16.9
5.0
SMDJ120
SMDJ120C
HHF
IHF
120
133
169.0
1.0
214
14.0
5.0
SMDJ120A
SMDJ120CA
HHG
IHG
120
133
153.0
1.0
193
15.5
5.0
SMDJ130
SMDJ130C
HHH
IHH
130
144
182.5
1.0
231
13.0
5.0
SMDJ130A
SMDJ130CA
HHK
IHK
130
144
165.5
1.0
209
14.4
5.0
SMDJ150
SMDJ150C
HHL
IHL
150
167
211.5
1.0
268
11.2
5.0
SMDJ150A
SMDJ150CA
HHM
IHM
150
167
192.5
1.0
243
12.3
5.0
SMDJ160
SMDJ160C
HHN
IHN
160
178
226.0
1.0
287
10.5
5.0
SMDJ160A
SMDJ160CA
HHP
IHP
160
178
205.0
1.0
259
11.6
5.0
SMDJ170
SMDJ170C
HHQ
IHQ
170
189
239.5
1.0
304
9.9
5.0
SMDJ170A
SMDJ170CA
HHR
IHR
170
189
217.5
1.0
275
10.9
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
SMDJ
SERIES


Similar Part No. - SMDJ33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ33 ETC1-SMDJ33 Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
First Silicon Co., Ltd
SMDJ33 FS-SMDJ33 Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Socay Electornics Co., ...
SMDJ33 SOCAY-SMDJ33 Datasheet
624Kb / 7P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMDJ33 UNSEMI-SMDJ33 Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
SMDJ33 SOCAY-SMDJ33 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMDJ33

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com