Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW06-33 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # BZW06-33
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZW06-33 Datasheet(HTML) 3 Page - Diotec Semiconductor

  BZW06-33 Datasheet HTML 1Page - Diotec Semiconductor BZW06-33 Datasheet HTML 2Page - Diotec Semiconductor BZW06-33 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
3
07.01.2003
BZW 06-5V8 ... BZW 06-376B
1
For bidirectional types (suffix “B”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “B”) gelten die elektrischen Werte in beiden Richtungen.
The standard tolerance of the breakdown voltage for each type is ± 5%.
Die Toleranz der Arbeitsspannung jeder Diode beträgt in der Standardausführung ± 5%.
e.g.: BZW 06-171B = bidirectional diode V
WM
$ 171 V at I
D = 5
:A, V
BR = 200 V (± 5%)
BZW 06-6.4 = unidirectional diode, V
WM
$ 6.4 V at I
D = 500
:A, V
BR = 7.5 V (± 5%)


Similar Part No. - BZW06-33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-33 STMICROELECTRONICS-BZW06-33 Datasheet
172Kb / 6P
   TRANSIL
BZW06-33 STMICROELECTRONICS-BZW06-33 Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
Semikron International
BZW06-33 SEMIKRON-BZW06-33 Datasheet
151Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
New Jersey Semi-Conduct...
BZW06-33 NJSEMI-BZW06-33 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06-33 TSC-BZW06-33 Datasheet
82Kb / 4P
   Transient Voltage Suppressor Diodes
More results

Similar Description - BZW06-33

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com