Electronic Components Datasheet Search |
|
SMBJ45A Datasheet(PDF) 1 Page - Nanjing International Group Co |
|
SMBJ45A Datasheet(HTML) 1 Page - Nanjing International Group Co |
1 / 6 page SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. RATINGS SYMBOL VALUE UNITS Peak Power Dissipation at T =25 C, T =1ms(NOTE 1) P Minimum 600 Watts A P PK FEATURES MECHANICAL DATA Peak Forward Surge Current at 8.3ms Single Half Sine-Wave Maximum Instantenous Forward Voltage at 0.5A for superimposed on rated load (JEDEC method) (NOTE 3) Unidirectional only Operating and Storage Temperature Range T , T -55 to +150 C J STG * For surface mount application 1.0ps from 0 volt to BV min. * High temperature soldering guaranteed: 260 C / 10 seconds at terminals * Typical I less than 1 A above 10V R µ * Fast response time: Typically less than * Built-in strain relief * Excellent clamping capability * Low profile package * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end except Bidirectional * Mounting position: Any Weight: 0.093 grams SMBJ SERIES * VOLTAGE RANGE 5.0 to 200 Volts 600 Watts Peak Power I 100 Amps FSM V 1.2 Volts F NOTES: 1. Non-repetitive current pulse per Fig. 3 and derated above T =25 C per Fig. 2. 2. Mounted on Copper Pad area of 5.0mm (.013mm Thick) to each terminal. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum. A DEVICES FOR BIPOLAR APPLICATIONS 1. For Bidirectional use C or CA Suffix for types SMBJ5.0 thru SMBJ 200. 2. Electrical characteristics apply in both directions. Dimensions in inches and (millimeters) .220(5.59) .200(5.08) .185(4.70) .160(4.06) .012(0.31) .006(0.15) .083(2.11) .075(1.91) .096(2.44) .083(2.13) .050(1.27) .030(0.76) .155(3.94) .130(3.30) .008 (.203) MAX. 2 DO-214AA(SMB) |
Similar Part No. - SMBJ45A |
|
Similar Description - SMBJ45A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |