Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25655P4507K100 Datasheet(PDF) 7 Page - TDK Electronics

Part # B25655P4507K100
Description  PCC Power Capacitors for HybridPACKTM IGBT Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25655P4507K100 Datasheet(HTML) 7 Page - TDK Electronics

  B25655P4507K100 Datasheet HTML 1Page - TDK Electronics B25655P4507K100 Datasheet HTML 2Page - TDK Electronics B25655P4507K100 Datasheet HTML 3Page - TDK Electronics B25655P4507K100 Datasheet HTML 4Page - TDK Electronics B25655P4507K100 Datasheet HTML 5Page - TDK Electronics B25655P4507K100 Datasheet HTML 6Page - TDK Electronics B25655P4507K100 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Cautions and Warnings
PRELIMINARY
Specifications and characteristics
Capacitance tolerance
K ±10% / J ±5%
tan
δ
0
2 · 10
-4
VR
450 / 500 / 900 V DC
Vs
600 / 700 / 1300 V DC
Test data
Voltage between terminals VTT
675 / 750 / 1350 V DC, 10 s
Voltage between terminals and case VTC
3000 V DC, 10 s
Rins C
≥10000 s
Life expectancy
Up to 15 000 hours @ THS
1)
FQ
300 fit
Values after Test Ca, IEC 68-2 (21 days, 40 °C, 93% rel. humidity)
|
C/C|
≤5%
tan
≤5 · 10
-4
Rins C
≤3000 s
Tested based on AEC Q-200 rev. D
Climatic category
40/105/21
Tstg
-45 ... +110 °C
Tmin
-40 °C
Tmax
+105 °C
THS (maximum hot spot temperature)
+105 °C
Max. permissible humidity
95%
Construction and general data
Resin filling
Polyurethane resin
Case
Plastic (Polycarbonate)
Terminals
Flat copper (tinned)
Creepage and clearance distance
Figure 1: 9 mm
Figure 2: 8 mm
Cooling
to be confirmed
Degree of protection
Indoor mounting (IP54)
RoHS compliant
1) To be confirmed; depending on the application
Display of ordering codes for EPCOS products
The ordering code for one and the same product can be represented differently in data sheets, data books, other
publications and the website of EPCOS, or in order-related documents such as shipping notes, order confirmations and
product labels. The varying representations of the ordering codes are due to different processes employed and do not
affect the specifications of the respective products. Detailed information can be found on the Internet under
www.epcos.com/orderingcodes
HybridPack is a trademark of Infineon Technologies AG
Important information Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our
knowledge of typical requirements that are often placed on our products. We expressly point out that these statements cannot be regarded as binding statements about the suitability of
our products for a particular customer application. It is incumbent on the customer to check and decide whether a product is suitable for use in a particular application. This publication
is only a brief product survey which may be changed from time to time. Our products are described in detail in our data sheets. The Important notes (www.epcos.com/ImportantNotes)
and the product-specific Cautions and warnings must be observed. All relevant information is available through our sales offices.
© EPCOS AG
 A TDK Group Company
Edition March 2016
Printed in Germany


Similar Part No. - B25655P4507K100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25655P4507K000 TDK-B25655P4507K000 Datasheet
1Mb / 10P
   PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
More results

Similar Description - B25655P4507K100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25655M9108K EPCOS-B25655M9108K Datasheet
496Kb / 5P
   Film capacitors - Power electronic capacitors PCC series for IGBT modules
logo
TDK Electronics
B25655 TDK-B25655 Datasheet
1Mb / 10P
   PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
logo
Isahaya Electronics Cor...
M57962K-01R ISAHAYA-M57962K-01R Datasheet
326Kb / 7P
   DRIVER FOR IGBT MODULES
VLA500-02 ISAHAYA-VLA500-02 Datasheet
121Kb / 6P
   DRIVER FOR IGBT MODULES
VLA504-01R ISAHAYA-VLA504-01R Datasheet
467Kb / 7P
   DRIVER FOR IGBT MODULES
VLA539-01R ISAHAYA-VLA539-01R Datasheet
106Kb / 6P
   DRIVER FOR IGBT MODULES
VLA503-01R ISAHAYA-VLA503-01R Datasheet
460Kb / 7P
   DRIVER FOR IGBT MODULES
VLA500-02R ISAHAYA-VLA500-02R Datasheet
245Kb / 8P
   DRIVER FOR IGBT MODULES
logo
EPCOS
B25655J4507K005 EPCOS-B25655J4507K005_1 Datasheet
179Kb / 6P
   PCC series for Full HEV HybridPACK??
B25655J4307K001 EPCOS-B25655J4307K001 Datasheet
159Kb / 6P
   PCC series for Mild HEV HybridPACK??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com