Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ26 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SMDJ26
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMDJ26 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SMDJ26 Datasheet HTML 1Page - Nanjing International Group Co SMDJ26 Datasheet HTML 2Page - Nanjing International Group Co SMDJ26 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMDJ14
SMDJ14C
HEH
IEH
14
15.6
19.8
1.0
25.8
116.3
5.0
SMDJ14A
SMDJ14CA
HEK
IEK
14
15.6
17.9
1.0
23.2
129.3
5.0
SMDJ15
SMDJ15C
HEL
IEL
15
16.7
21.1
1.0
26.9
111.5
5.0
SMDJ15A
SMDJ15CA
HEM
IEM
15
16.7
19.2
1.0
24.4
123.0
5.0
SMDJ16
SMDJ16C
HEN
IEN
16
17.8
22.6
1.0
28.8
104.2
5.0
SMDJ16A
SMDJ16CA
HEP
IEP
16
17.8
20.5
1.0
26.0
115.4
5.0
SMDJ17
SMDJ17C
HEQ
IEQ
17
18.9
23.9
1.0
30.5
98.4
5.0
SMDJ17A
SMDJ17CA
HER
IER
17
18.9
21.7
1.0
27.6
108.7
5.0
SMDJ18
SMDJ18C
HES
IES
18
20.0
25.3
1.0
32.2
93.2
5.0
SMDJ18A
SMDJ18CA
HET
IET
18
20.0
23.3
1.0
29.2
102.7
5.0
SMDJ20
SMDJ20C
HEU
IEU
20
22.2
28.1
1.0
35.8
83.8
5.0
SMDJ20A
SMDJ20CA
HEV
IEV
20
22.2
25.5
1.0
32.4
92.6
5.0
SMDJ22
SMDJ22C
HEW
IEW
22
24.4
30.9
1.0
39.4
76.1
5.0
SMDJ22A
SMDJ22CA
HEX
IEX
22
24.4
28.0
1.0
35.5
84.5
5.0
SMDJ24
SMDJ24C
HEY
IEY
24
26.7
33.8
1.0
43.0
69.8
5.0
SMDJ24A
SMDJ24CA
HEZ
IEZ
24
26.7
30.7
1.0
38.9
77.1
5.0
SMDJ26
SMDJ26C
HFD
IFD
26
28.9
36.6
1.0
46.6
64.4
5.0
SMDJ26A
SMDJ26CA
HFE
IFE
26
28.9
33.2
1.0
42.1
71.3
5.0
SMDJ28
SMDJ28C
HFF
IFF
28
31.1
39.4
1.0
50.0
60.0
5.0
SMDJ28A
SMDJ28CA
HFG
IFG
28
31.1
35.8
1.0
45.4
66.1
5.0
SMDJ30
SMDJ30C
HFH
IFH
30
33.3
42.2
1.0
53.5
56.1
5.0
SMDJ30A
SMDJ30CA
HFK
IFK
30
33.3
38.3
1.0
48.4
62.0
5.0
SMDJ33
SMDJ33C
HFL
IFL
33
36.7
46.5
1.0
59.0
50.8
5.0
SMDJ33A
SMDJ33CA
HFM
IFM
33
36.7
42.2
1.0
53.3
56.3
5.0
SMDJ36
SMDJ36C
HFN
IFN
36
40.0
50.7
1.0
64.3
46.7
5.0
SMDJ36A
SMDJ36CA
HFP
IFP
36
40.0
46.0
1.0
58.1
51.6
5.0
SMDJ40
SMDJ40C
HFQ
IFQ
40
44.4
56.3
1.0
71.4
42.0
5.0
SMDJ40A
SMDJ40CA
HFR
IFR
40
44.4
51.1
1.0
64.5
46.5
5.0
SMDJ43
SMDJ43C
HFS
IFS
43
47.8
60.5
1.0
76.7
39.1
5.0
SMDJ43A
SMDJ43CA
HFT
IFT
43
47.8
54.9
1.0
69.4
43.2
5.0
SMDJ45
SMDJ45C
HFU
IFU
45
50.0
63.3
1.0
80.3
37.4
5.0
SMDJ45A
SMDJ45CA
HFV
IFV
45
50.0
57.5
1.0
72.7
41.3
5.0
SMDJ48
SMDJ48C
HFW
IFW
48
53.3
67.5
1.0
85.5
35.1
5.0
SMDJ48A
SMDJ48CA
HFX
IFX
48
53.3
61.3
1.0
77.4
38.8
5.0
SMDJ51
SMDJ51C
HFY
IFY
51
56.7
71.8
1.0
91.1
32.9
5.0
SMDJ51A
SMDJ51CA
HFZ
IFZ
51
56.7
65.2
1.0
82.4
36.4
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
SMDJ
SERIES


Similar Part No. - SMDJ26

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ26 ETC1-SMDJ26 Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
First Silicon Co., Ltd
SMDJ26 FS-SMDJ26 Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Socay Electornics Co., ...
SMDJ26 SOCAY-SMDJ26 Datasheet
624Kb / 7P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMDJ26 UNSEMI-SMDJ26 Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
SMDJ26 SOCAY-SMDJ26 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMDJ26

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com