Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25620B0707K883 Datasheet(PDF) 2 Page - TDK Electronics

Part # B25620B0707K883
Description  Power Electronic Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25620B0707K883 Datasheet(HTML) 2 Page - TDK Electronics

  B25620B0707K883 Datasheet HTML 1Page - TDK Electronics B25620B0707K883 Datasheet HTML 2Page - TDK Electronics B25620B0707K883 Datasheet HTML 3Page - TDK Electronics B25620B0707K883 Datasheet HTML 4Page - TDK Electronics B25620B0707K883 Datasheet HTML 5Page - TDK Electronics B25620B0707K883 Datasheet HTML 6Page - TDK Electronics B25620B0707K883 Datasheet HTML 7Page - TDK Electronics B25620B0707K883 Datasheet HTML 8Page - TDK Electronics B25620B0707K883 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Film Capacitors
B2562*
Power Electronic Capacitors
MKP DC
CAP FILM P PM
January 2016
Please read Cautions and warnings and
Page 2 of 23
Important notes at the end of this document.
Construction
1.
General data
Test data
Voltage between terminals UTT
1.5 V DC , 10 s
Voltage between terminals and case UTC
4000 V AC, 10 s
Life test
According to IEC 61071
Cooling
Naturally air-cooled (or forced air cooling)
Degree of protection
Indoor mounting
Reference standards
IEC 61071
RoHS compliance
Certification: UL 810-5th edition (refer to table 1.3)
Characteristics
Standard capacitance tolerance
K: ±10%
Dielectric dissipation factor (tan δo)
2 • 10
-4
Service life expectancy
(refer to section 2)
100 000 h at
hs +75°C und VR DC
up to 200 000 h (depending on real operating
conditions)
Fit rate
50 at VRDC and 70 °C (refer to section 4)
Minimum temperature
min.
–55 °C
Maximum temperature
max.
+85 °C for diameter 85 and 90 mm
+75 °C for diameter 116 mm
Storage temperature
stg
–55 ... +85 °C
Maximum hotspot temperature
hs
(refer to section 1)
+85 °C for diameter 85 and 90 mm
+75 °C for diameter 116 mm
Climatic category
55/85/56 for 85 and 90 mm diameter
55/75/56 for 116 mm diameter
Maximum altitude
2000 m above sea level
(derating curves available upon request)
Design data
Impregnation
Resin filling: Non PCB, hard polyurethane (dry type)
Mounting and grounding
M12 threaded bolt on bottom of the aluminum case
Max. torque (case) M12 stud
10 Nm
Max. torque terminal
Female M6: 5 Nm
Female M8: 6 Nm
Male M8: 8 Nm


Similar Part No. - B25620B0707K883

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25620B0707K883 EPCOS-B25620B0707K883 Datasheet
368Kb / 20P
   Film Capacitors ??Power Electronic Capacitors
logo
TDK Electronics
B25620B0707K883 TDK-B25620B0707K883 Datasheet
1Mb / 29P
   Film Capacitors - Power Electronic Capacitors
July 2022
More results

Similar Description - B25620B0707K883

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B25655J4267K001 EPCOS-B25655J4267K001 Datasheet
410Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com