Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF13C-10DS-1.25H Datasheet(PDF) 3 Page - Hirose Electric

Part # DF13C-10DS-1.25H
Description  1.25mm Pitch Miniature Crimping Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13C-10DS-1.25H Datasheet(HTML) 3 Page - Hirose Electric

  DF13C-10DS-1.25H Datasheet HTML 1Page - Hirose Electric DF13C-10DS-1.25H Datasheet HTML 2Page - Hirose Electric DF13C-10DS-1.25H Datasheet HTML 3Page - Hirose Electric DF13C-10DS-1.25H Datasheet HTML 4Page - Hirose Electric DF13C-10DS-1.25H Datasheet HTML 5Page - Hirose Electric DF13C-10DS-1.25H Datasheet HTML 6Page - Hirose Electric DF13C-10DS-1.25H Datasheet HTML 7Page - Hirose Electric DF13C-10DS-1.25H Datasheet HTML 8Page - Hirose Electric DF13C-10DS-1.25H Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
B185
sSingle Row Socket
sDouble Row Socket
Photo: Contact insertion
Photo: Contact insertion state
[Specific No.] - **, (**)
Blank: 1 bag: 100 pcs.
[Specific No.] – **, (**)
Blank: 1 bag: 100 pcs.
Note 1.The quantity at the specific No. "None" is delivered per bag (100 pcs.). If needed, please select and order the products per bag.
Unit: mm
Unit: mm
Part Number
CL No.
DF13-2S-1.25C(**)
DF13-3S-1.25C(**)
DF13-4S-1.25C(**)
DF13-5S-1.25C(**)
DF13-6S-1.25C(**)
DF13-7S-1.25C(**)
DF13-8S-1.25C(**)
536-0001-4-**
536-0002-7-**
536-0003-0-**
536-0004-2-**
536-0005-5-**
536-0006-8-**
536-0007-0-**
2
3
4
5
6
7
8
1.25
2.50
3.75
5.00
6.25
7.50
8.75
4.15
5.40
6.65
7.90
9.15
10.40
11.65
Number of Contacts
A
B
Part Number
CL No.
DF13- 9S-1.25C(**)
DF13-10S-1.25C(**)
DF13-11S-1.25C(**)
DF13-12S-1.25C(**)
DF13-14S-1.25C(**)
DF13-15S-1.25C(**)
536-0008-3-**
536-0009-6-**
536-0010-5-**
536-0011-8-**
536-0013-3-**
536-0014-6-**
9
10
11
12
14
15
10.00
11.25
12.50
13.75
16.25
17.50
12.90
14.15
15.40
16.65
19.15
20.40
Number of Contacts
A
B
Note:The quantity at the specific No. "Blank" is delivered per bag (100pcs). If needed, please select and order the products per bag.
Part Number
CL No.
DF13-10DS-1.25C(**)
DF13-20DS-1.25C(**)
DF13-30DS-1.25C(**)
DF13-40DS-1.25C(**)
536-0550-2-**
536-0555-6-**
536-0560-6-**
536-0565-0-**
10
20
30
40
10.40
16.65
22.90
29.15
5.00
11.25
17.50
23.75
Number of Contacts
A
B


Similar Part No. - DF13C-10DS-1.25H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
More results

Similar Description - DF13C-10DS-1.25H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com