Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25620C0227K881 Datasheet(PDF) 11 Page - TDK Electronics

Part # B25620C0227K881
Description  Power Electronic Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25620C0227K881 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B25620C0227K881 Datasheet HTML 7Page - TDK Electronics B25620C0227K881 Datasheet HTML 8Page - TDK Electronics B25620C0227K881 Datasheet HTML 9Page - TDK Electronics B25620C0227K881 Datasheet HTML 10Page - TDK Electronics B25620C0227K881 Datasheet HTML 11Page - TDK Electronics B25620C0227K881 Datasheet HTML 12Page - TDK Electronics B25620C0227K881 Datasheet HTML 13Page - TDK Electronics B25620C0227K881 Datasheet HTML 14Page - TDK Electronics B25620C0227K881 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Film Capacitors
B2562*
Power Electronic Capacitors
MKP DC
CAP FILM P PM
January 2016
Please read Cautions and warnings and
Page 11 of 23
Important notes at the end of this document.
VR DC = 1200 V DC / VTT = 1800 V DC, 10 s / VTC = 4000 V AC, 10 s
CR
µF
IMAX
1
A
Is
kA
Î
kA
ESR
2
m
Lself
nH
RTH
K/W
D
mm
HC
mm
HT
mm
Weight
kg
Fig.
Ordering code
220
50
8.6
2.9
3.1
40
3.0
90
95
124
0.73
3
B25623B1227K204
300
50
8.5
2.8
2.9
40
2.8
90
120
149
0.9
3
B25623B1307K204
340
50
8.5
2.8
3.0
40
2.5
90
132
161
1
3
B25623B1347K204
360
70
15.2
5.07
1.8
40
2.3
116
95
101
1.13
4
B25620B1367K203
440
75
17.1
5.7
1.6
60
2.0
90
173
202
1.3
3
B25623B1447K204
500
75
15.3
5.12
2.2
40
2.2
116
120
126
1.4
4
B25620B1507K203
550
80
16.9
5.63
1.5
90
1.8
90
223
252
1.4
3
B25623B1557K204
570
75
15.4
5.14
2.2
40
2.1
116
133
139
1.55
4
B25620B1577K203
730
100
30.8
10.2
1.4
60
2.0
116
173
179
2.05
4
B25620B1737K203
1000
100
30.7
10.2
1.4
90
1.8
116
223
229
2.56
4
B25620B1108K203
VR DC = 1320 V DC / VTT = 1980 V DC, 10 s / VTC = 4000 V AC, 10 s
CR
µF
IMAX
1
A
Is
kA
Î
kA
ESR
2
m
Lself
nH
RTH
K/W
D
mm
HC
mm
HT
mm
Weight
kg
Fig.
Ordering code
160
48
6.8
2.3
2.8

40
3.3
85
95
101
0.58
1
B25620B1167K321
190
51
8.1
2.7
2.6
40
3.0
90
95
124
0.73
3
B25623B1197K304
220
45
7.4
2.5
3.4
40
2.9
85
120
126
0.71
1
B25620B1227K321
220
45
7.4
2.5
3.4
40
2.9
85
124
126
0.73
2
B25620C1227K321
250
51
7.7
2.6
3.2
40
2.8
90
120
149
0.9
3
B25623B1257K304
260
45
7.6
2.6
3.6
40
2.8
85
132
138
0.87
1
B25620B1267K321
260
45
7.6
2.6
3.6
40
2.8
85
136
138
0.9
2
B25620C1267K321
290
52
7.9
2.6
3.4
40
2.5
90
132
161
1
3
B25623B1297K304
310
65
14.3
4.8
2
40
2.3
116
95
101
1.13
4
B25620B1317K323
330
52
7.9
2.6
3.6
60
2.3
90
145
174
1.2
3
B25623B1337K304
340
70
14.8
5
2.5
v 60
2.1
85
173
179
1.05
1
B25620B1347K321
340
70
14.8
5
2.5
60
2.1
85
177
179
1.08
2
B25620C1347K321
370
50
15.7
5.2
2.3
60
2.0
90
173
202
1.3
3
B25623B0377K304
420
65
14.1
4.7
2.6
40
2.2
116
120
126
1.4
4
B25620B1427K323
480
70
14.1
4.7
2.6
40
2.1
116
132
138
1.55
4
B25620B1487K323
660
100
27.8
9.3
1.3
90
2.0
116
173
179
2.05
4
B25620B1667K323
1000
100
26.4
8.8
1.6
90
1.5
116
273
279
2.8
4
B25620B1108K323
1 I
MAX at 40 °C, refer to “current derating” section for more details
2 ESR at 1 kHz (typical value)
Other configurations and capacitance tolerances available upon request


Similar Part No. - B25620C0227K881

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25620C0227K881 EPCOS-B25620C0227K881 Datasheet
368Kb / 20P
   Film Capacitors ??Power Electronic Capacitors
logo
TDK Electronics
B25620C0227K881 TDK-B25620C0227K881 Datasheet
1Mb / 29P
   Film Capacitors - Power Electronic Capacitors
July 2022
More results

Similar Description - B25620C0227K881

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B25655J4267K001 EPCOS-B25655J4267K001 Datasheet
410Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com