Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25631A0157K700 Datasheet(PDF) 4 Page - TDK Electronics

Part # B25631A0157K700
Description  Film Capacitors - Power Electronic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25631A0157K700 Datasheet(HTML) 4 Page - TDK Electronics

  B25631A0157K700 Datasheet HTML 1Page - TDK Electronics B25631A0157K700 Datasheet HTML 2Page - TDK Electronics B25631A0157K700 Datasheet HTML 3Page - TDK Electronics B25631A0157K700 Datasheet HTML 4Page - TDK Electronics B25631A0157K700 Datasheet HTML 5Page - TDK Electronics B25631A0157K700 Datasheet HTML 6Page - TDK Electronics B25631A0157K700 Datasheet HTML 7Page - TDK Electronics B25631A0157K700 Datasheet HTML 8Page - TDK Electronics B25631A0157K700 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Film Capacitors – Power Electronic Capacitors
B25631*
MKP DC-LSI
CAP FILM P PM
October 2013
Please read Cautions and warnings and
Page 4 of 9
Important notes at the end of this document.
Terms and Definitions
The following definitions apply to power capacitors according to IEC 61071.
Rated capacitance CR
Nominal value of the capacitance at 20 °C and measuring frequency range of 50 to 120 Hz.
Rated DC voltage VR
Maximum operating peak voltage of either polarity but of a non-reversing type wave form, for which
the capacitor has been designed, for continuous operation.
Ripple voltage Vr
Peak-to-peak alternating component of the unidirectional voltage.
Maximum surge voltage Vs
Peak voltage induced by a switching or any other disturbance of the system which is allowed for a
limited number of times and duration.
- Maximum duration: 50 ms / pulse
- Maximum number of occurrences: 1000 (during load)
Insulation voltage Vi
Rms rated value of the insulation voltage of capacitive elements and terminals to case or earth. When
it is not specified in the product data sheet, the insulation voltage is at least:
Vi =
2
R
V
Maximum rate of voltage rise (dv/dt)max
Maximum permissible repetitive rate of voltage rise of the operational voltage.
Maximum current Imax
Maximum rms current for continuous operation.
Maximum peak current Îpk
Maximum permissible repetitive current amplitude during continuous operation.
Maximum peak current (Îpk) and maximum rate of voltage rise (dV/dt)max on a capacitor are related as
follows:
Îpk = C · (dv/dt)max
Maximum surge current Î s
Admissible peak current induced by a switching or any other disturbance of the system which is
allowed for a limited number of times (1000 times) and duration (50 ms / pulse).
Îs = C · (dv/dt)s
Ambient temperature
ΘA
Temperature of the surrounding air, measured at 10 cm distance and 2/3 of the case height of the
capacitor.


Similar Part No. - B25631A0157K700

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25631A0157K700 TDK-B25631A0157K700 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
More results

Similar Description - B25631A0157K700

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com