Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ13A Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SMDJ13A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMDJ13A Datasheet(HTML) 1 Page - Nanjing International Group Co

  SMDJ13A Datasheet HTML 1Page - Nanjing International Group Co SMDJ13A Datasheet HTML 2Page - Nanjing International Group Co SMDJ13A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■ 3000 Watt Peak Power
■ Dimension
Dim
Millimeters
Inches
Min
Max
Min
Max
A
6.60
7.11
0.260
0.280
B
5.59
6.22
0.220
0.245
C
2.90
3.20
0.114
0.126
D
0.125
0.305
0.006
0.012
E
7.75
8.13
0.305
0.320
F
----
0.203
----
0.008
G
2.06
2.62
0.079
0.103
H
0.76
1.52
0.030
0.060
SMD (DO-214AB)
■ Specification
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMDJ5.0
SMDJ5.0C
HDD
IDD
5.0
6.40
7.55
10
9.6
312.5
800.0
SMDJ5.0A
SMDJ5.0CA
HDE
IDE
5.0
6.40
7.25
10
9.2
326.1
800.0
SMDJ6.0
SMDJ6.0C
HDF
IDF
6.0
6.67
8.45
10
11.4
263.2
800.0
SMDJ6.0A
SMDJ6.0CA
HDG
IDG
6.0
6.67
7.67
10
10.3
291.3
800.0
SMDJ6.5
SMDJ6.5C
HDH
IDH
6.5
7.22
9.14
10
12.3
243.9
500.0
SMDJ6.5A
SMDJ6.5CA
HDK
IDK
6.5
7.22
8.30
10
11.2
267.9
500.0
SMDJ7.0
SMDJ7.0C
HDL
IDL
7.0
7.78
9.86
10
13.3
225.6
200.0
SMDJ7.0A
SMDJ7.0CA
HDM
IDM
7.0
7.78
8.95
10
12.0
250.0
200.0
SMDJ7.5
SMDJ7.5C
HDN
IDN
7.5
8.33
10.67
1.0
14.3
209.8
100.0
SMDJ7.5A
SMDJ7.5CA
HDP
IDP
7.5
8.33
9.58
1.0
12.9
232.6
100.0
SMDJ8.0
SMDJ8.0C
HDQ
IDQ
8.0
8.89
11.3
1.0
15.0
200.0
50.0
SMDJ8.0A
SMDJ8.0CA
HDR
IDR
8.0
8.89
10.23
1.0
13.6
220.6
50.0
SMDJ8.5
SMDJ8.5C
HDS
IDS
8.5
9.44
11.92
1.0
15.9
188.7
20.0
SMDJ8.5A
SMDJ8.5CA
HDT
IDT
8.5
9.44
10.82
1.0
14.4
208.3
20.0
SMDJ9.0
SMDJ9.0C
HDU
IDU
9.0
10.0
12.6
1.0
16.9
177.5
10.0
SMDJ9.0A
SMDJ9.0CA
HDV
IDV
9.0
10.0
11.5
1.0
15.4
194.8
10.0
SMDJ10
SMDJ10C
HDW
IDW
10
11.1
14.1
1.0
18.8
159.6
5.0
SMDJ10A
SMDJ10CA
HDX
IDX
10
11.1
12.8
1.0
17.0
176.5
5.0
SMDJ11
SMDJ11C
HDY
IDY
11
12.2
15.4
1.0
20.1
149.3
5.0
SMDJ11A
SMDJ11CA
HDZ
IDZ
11
12.2
14.0
1.0
18.2
164.8
5.0
SMDJ12
SMDJ12C
HED
IED
12
13.3
16.9
1.0
22.0
136.4
5.0
SMDJ12A
SMDJ12CA
HEE
IEE
12
13.3
15.3
1.0
19.9
150.8
5.0
SMDJ13
SMDJ13C
HEF
IEF
13
14.4
18.2
1.0
23.8
126.1
5.0
SMDJ13A
SMDJ13CA
HEG
IEG
13
14.4
16.5
1.0
21.5
139.5
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJ
SERIES


Similar Part No. - SMDJ13A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ13A ETC1-SMDJ13A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
First Silicon Co., Ltd
SMDJ13A FS-SMDJ13A Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
SUNMATE electronic Co.,...
SMDJ13A SUNMATE-SMDJ13A Datasheet
537Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Microdiode Electronics ...
SMDJ13A CHENDA-SMDJ13A Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
logo
MDE Semiconductor, Inc.
SMDJ13A MDE-SMDJ13A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMDJ13A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com