Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT45L-201-2P-TL000 Datasheet(PDF) 3 Page - TDK Electronics

Part # ACT45L-201-2P-TL000
Description  Common Mode Filters For automobile signal line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT45L-201-2P-TL000 Datasheet(HTML) 3 Page - TDK Electronics

  ACT45L-201-2P-TL000 Datasheet HTML 1Page - TDK Electronics ACT45L-201-2P-TL000 Datasheet HTML 2Page - TDK Electronics ACT45L-201-2P-TL000 Datasheet HTML 3Page - TDK Electronics ACT45L-201-2P-TL000 Datasheet HTML 4Page - TDK Electronics ACT45L-201-2P-TL000 Datasheet HTML 5Page - TDK Electronics ACT45L-201-2P-TL000 Datasheet HTML 6Page - TDK Electronics ACT45L-201-2P-TL000 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
(3/7)
20160216 / cmf_automotive_signal_act45l_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
Common Mode Filters
For automobile signal line
FEATURES
When mounting, the terminal and winding tape splicing part do not fuse.
ACT45L for Ethernet, which uses our unique technology, is a product that can realize higher-level Scd21 mode conversion
characteristics while maintaining a high L-value of 200μH.
APPLICATION
Ethernet system.
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Overview of ACT45L Type
ACT45L
-
201
-
2P
-
TL
000
Series • Type name
Inductance(typ.)
Number of lines
Packaging style
Internal code
(μH)
201
200
2P
2 lines
TL
ø330mm reel
000
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(g)
ACT45L
–40 to +105
–40 to +105
2,500
0.2
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
AEC-Q200
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - ACT45L-201-2P-TL000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45L-201-2P-TL000 TDK-ACT45L-201-2P-TL000_17 Datasheet
169Kb / 3P
   Common Mode Filters / Chokes
More results

Similar Description - ACT45L-201-2P-TL000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012 TDK-ACM2012_13 Datasheet
196Kb / 3P
   Common Mode Filters For automobile signal line
ACT45B-101-2P-TL003 TDK-ACT45B-101-2P-TL003_16 Datasheet
107Kb / 7P
   Common Mode Filters For automobile signal line
ZJYS81R5-2P24T-G01 TDK-ZJYS81R5-2P24T-G01 Datasheet
53Kb / 3P
   Common Mode Filters For automobile signal line
ZJYS81R5-2PL51T-G01 TDK-ZJYS81R5-2PL51T-G01 Datasheet
53Kb / 3P
   Common Mode Filters For automobile signal line
ACT1210-101-2P-TL00 TDK-ACT1210-101-2P-TL00 Datasheet
126Kb / 8P
   Common Mode Filters For automobile signal line
ACT45B-220 TDK-ACT45B-220 Datasheet
133Kb / 11P
   Common Mode Filters For automobile signal line ACT series
ACT-45B TDK-ACT-45B Datasheet
133Kb / 11P
   Common Mode Filters For automobile signal line ACT series
ZJYS51R5-2PBT-01 TDK-ZJYS51R5-2PBT-01 Datasheet
95Kb / 5P
   Common Mode Filters For general signal line
ZJYS51R5-4P TDK-ZJYS51R5-4P Datasheet
96Kb / 6P
   Common Mode Filters For general signal line
ZJYS51R52PT-01 TDK-ZJYS51R52PT-01 Datasheet
100Kb / 5P
   Common Mode Filters For General Signal Line
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com