Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT45B-220-2P-TL Datasheet(PDF) 6 Page - TDK Electronics

Part # ACT45B-220-2P-TL
Description  Common Mode Filters For automobile signal line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT45B-220-2P-TL Datasheet(HTML) 6 Page - TDK Electronics

  ACT45B-220-2P-TL Datasheet HTML 1Page - TDK Electronics ACT45B-220-2P-TL Datasheet HTML 2Page - TDK Electronics ACT45B-220-2P-TL Datasheet HTML 3Page - TDK Electronics ACT45B-220-2P-TL Datasheet HTML 4Page - TDK Electronics ACT45B-220-2P-TL Datasheet HTML 5Page - TDK Electronics ACT45B-220-2P-TL Datasheet HTML 6Page - TDK Electronics ACT45B-220-2P-TL Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
(6/7)
20160216 / cmf_automotive_signal_act45b_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
ACT45B Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Common mode
impedance
[10MHz]
Common mode
inductance
[100kHz]
Stray
inductance
[100kHz]
DC resistance Rated current
Insulation
resistance
Rated voltage
Part No.
(
:)min. (:)typ.
(μH)+50/–30%
(μH)typ.
(
:)max.
(A)max.
(M
:)min.
(V)max.
300
600
11
0.05
0.6
0.25
10
50
ACT45B-110-2P-TL
□□□
500
1200
22
0.08
1.0
0.2
10
50
ACT45B-220-2P-TL
□□□
1000
2800
51
0.15
1.0
0.2
10
50
ACT45B-510-2P-TL
□□□
2000
5800
100
0.20
2.0
0.15
10
50
ACT45B-101-2P-TL
□□□
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Agilent Technologies
Common mode inductance
4294A
Agilent Technologies
DC resistance
4338A
Agilent Technologies
Insulation resistance
4339A
Agilent Technologies
Product No.
Manufacturer
4991A
Agilent Technologies
1
10
100
1000
100000
10000
1000
10
100
Frequency (MHz)
110 Common mode
101 Common mode
220 Common mode
510 Common mode
220 Differential mode
510 Differential mode
110 Differential mode
101 Differential mode


Similar Part No. - ACT45B-220-2P-TL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45B-220-2P-TL003 TDK-ACT45B-220-2P-TL003 Datasheet
189Kb / 3P
   Common Mode Filters / Chokes
ACT45B-220-2P-TL003 TDK-ACT45B-220-2P-TL003_17 Datasheet
192Kb / 3P
   Common Mode Filters / Chokes
More results

Similar Description - ACT45B-220-2P-TL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012 TDK-ACM2012_13 Datasheet
196Kb / 3P
   Common Mode Filters For automobile signal line
ZJYS81R5-2P24T-G01 TDK-ZJYS81R5-2P24T-G01 Datasheet
53Kb / 3P
   Common Mode Filters For automobile signal line
ZJYS81R5-2PL51T-G01 TDK-ZJYS81R5-2PL51T-G01 Datasheet
53Kb / 3P
   Common Mode Filters For automobile signal line
ACT45L-201-2P-TL000 TDK-ACT45L-201-2P-TL000 Datasheet
105Kb / 7P
   Common Mode Filters For automobile signal line
ACT1210-101-2P-TL00 TDK-ACT1210-101-2P-TL00 Datasheet
126Kb / 8P
   Common Mode Filters For automobile signal line
ACT45B-220 TDK-ACT45B-220 Datasheet
133Kb / 11P
   Common Mode Filters For automobile signal line ACT series
ACT-45B TDK-ACT-45B Datasheet
133Kb / 11P
   Common Mode Filters For automobile signal line ACT series
ZJYS51R5-2PBT-01 TDK-ZJYS51R5-2PBT-01 Datasheet
95Kb / 5P
   Common Mode Filters For general signal line
ZJYS51R5-4P TDK-ZJYS51R5-4P Datasheet
96Kb / 6P
   Common Mode Filters For general signal line
ZJYS51R52PT-01 TDK-ZJYS51R52PT-01 Datasheet
100Kb / 5P
   Common Mode Filters For General Signal Line
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com