Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT45B-101-2P-TL003 Datasheet(PDF) 2 Page - TDK Electronics

Part # ACT45B-101-2P-TL003
Description  Common Mode Filters For automobile signal line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT45B-101-2P-TL003 Datasheet(HTML) 2 Page - TDK Electronics

  ACT45B-101-2P-TL003_16 Datasheet HTML 1Page - TDK Electronics ACT45B-101-2P-TL003_16 Datasheet HTML 2Page - TDK Electronics ACT45B-101-2P-TL003_16 Datasheet HTML 3Page - TDK Electronics ACT45B-101-2P-TL003_16 Datasheet HTML 4Page - TDK Electronics ACT45B-101-2P-TL003_16 Datasheet HTML 5Page - TDK Electronics ACT45B-101-2P-TL003_16 Datasheet HTML 6Page - TDK Electronics ACT45B-101-2P-TL003_16 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
(2/7)
20160216 / cmf_automotive_signal_act45b_en.fm
EMC Components
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
The storage period is less than 12 months. Be sure to follow the storage conditions (Temperature: 5 to 40°C, Humidity: 10 to 75% RH
or less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature
does not exceed 150°C.
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to
the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications
equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement
equipment, industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or
quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to
society, person or property.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or conditions
set forth in the each catalog, please contact us.
(1) Aerospace/Aviation equipment
(2) Transportation equipment (electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securing
protection circuit/device or providing backup circuits in your equipment.
REMINDERS


Similar Part No. - ACT45B-101-2P-TL003_16

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45B-101-2P-TL003 TDK-ACT45B-101-2P-TL003_17 Datasheet
189Kb / 3P
   Common Mode Filters / Chokes
More results

Similar Description - ACT45B-101-2P-TL003_16

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012 TDK-ACM2012_13 Datasheet
196Kb / 3P
   Common Mode Filters For automobile signal line
ZJYS81R5-2P24T-G01 TDK-ZJYS81R5-2P24T-G01 Datasheet
53Kb / 3P
   Common Mode Filters For automobile signal line
ZJYS81R5-2PL51T-G01 TDK-ZJYS81R5-2PL51T-G01 Datasheet
53Kb / 3P
   Common Mode Filters For automobile signal line
ACT45L-201-2P-TL000 TDK-ACT45L-201-2P-TL000 Datasheet
105Kb / 7P
   Common Mode Filters For automobile signal line
ACT1210-101-2P-TL00 TDK-ACT1210-101-2P-TL00 Datasheet
126Kb / 8P
   Common Mode Filters For automobile signal line
ACT45B-220 TDK-ACT45B-220 Datasheet
133Kb / 11P
   Common Mode Filters For automobile signal line ACT series
ACT-45B TDK-ACT-45B Datasheet
133Kb / 11P
   Common Mode Filters For automobile signal line ACT series
ZJYS51R5-2PBT-01 TDK-ZJYS51R5-2PBT-01 Datasheet
95Kb / 5P
   Common Mode Filters For general signal line
ZJYS51R5-4P TDK-ZJYS51R5-4P Datasheet
96Kb / 6P
   Common Mode Filters For general signal line
ZJYS51R52PT-01 TDK-ZJYS51R52PT-01 Datasheet
100Kb / 5P
   Common Mode Filters For General Signal Line
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com