Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACM7060-301-2PL-TL01 Datasheet(PDF) 6 Page - TDK Electronics

Part # ACM7060-301-2PL-TL01
Description  Common Mode Filters For power line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM7060-301-2PL-TL01 Datasheet(HTML) 6 Page - TDK Electronics

  ACM7060-301-2PL-TL01 Datasheet HTML 1Page - TDK Electronics ACM7060-301-2PL-TL01 Datasheet HTML 2Page - TDK Electronics ACM7060-301-2PL-TL01 Datasheet HTML 3Page - TDK Electronics ACM7060-301-2PL-TL01 Datasheet HTML 4Page - TDK Electronics ACM7060-301-2PL-TL01 Datasheet HTML 5Page - TDK Electronics ACM7060-301-2PL-TL01 Datasheet HTML 6Page - TDK Electronics ACM7060-301-2PL-TL01 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
(6/7)
20160519 / cmf_commercial_power_acm7060_en.fm
EMC Components
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
ACM7060 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Common mode impedance
[100MHz]
DC resistance
[1 line]
Rated current
Insulation
resistance
Rated voltage
Part No.
(
:) min.
(
:) typ.
(m
:)max.
(A)max.
(M
:)min.
(V)max.
225
300
10
5
10
80
ACM7060-301-2PL-TL01
500
700
15
4
10
80
ACM7060-701-2PL-TL01
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Keysight Technologies
DC resistance
4338A
Keysight Technologies
Insulation resistance
4339A
Keysight Technologies
Product No.
Manufacturer
4991A
Keysight Technologies
1
10
100
1000
10000
1000
1
10
100
Frequency (MHz)
301 Common mode
701 Common mode
301 Differential mode
701 Differential mode


Similar Part No. - ACM7060-301-2PL-TL01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01 Datasheet
172Kb / 8P
   Common Mode Filters For power line ACM series
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01_16 Datasheet
104Kb / 7P
   Common Mode Filters For power line
More results

Similar Description - ACM7060-301-2PL-TL01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM4520-142-2P-T000 TDK-ACM4520-142-2P-T000 Datasheet
108Kb / 7P
   Common Mode Filters For power line
ACM4532-801-2P-T001 TDK-ACM4532-801-2P-T001 Datasheet
183Kb / 8P
   Common Mode Filters For power line
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01_16 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000_16 Datasheet
111Kb / 8P
   Common Mode Filters For power line
ACM9070-701-2PL-TL01 TDK-ACM9070-701-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1211-102-2PL-TL01 TDK-ACM1211-102-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1513-551-2PL-TLHF TDK-ACM1513-551-2PL-TLHF_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM4520V-231-2P-T00 TDK-ACM4520V-231-2P-T00 Datasheet
109Kb / 6P
   Common Mode Filters For Power Line
ACM3225-601-2P TDK-ACM3225-601-2P Datasheet
184Kb / 9P
   Common Mode Filters For power line
ACM70V-701-2PL-TL00 TDK-ACM70V-701-2PL-TL00_16 Datasheet
106Kb / 7P
   Common Mode Filters For automotive power line
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com