Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM15PL Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SFM15PL
Description  1 Amp Super Fast Recovery
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SFM15PL Datasheet(HTML) 2 Page - Nanjing International Group Co

  SFM15PL Datasheet HTML 1Page - Nanjing International Group Co SFM15PL Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
RATING AND CHARACTERISTIC CURVES
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE,(V)
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25 C
FIG.2-TYPICAL FORWARD CURRENT
0.2
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
AMBIENT TEMPERATURE ( C)
1.6
1.8
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
0
25
50
75
100
125
150
175
0
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
110
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
www.mccsemi.com
SFM11PL THRU SFM18PL


Similar Part No. - SFM15PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SFM15PL MCC-SFM15PL Datasheet
185Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
logo
Diotech Company.
SFM15PL DIOTECH-SFM15PL Datasheet
785Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - SFM15PL

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
DSF1A DGNJDZ-DSF1A Datasheet
336Kb / 2P
   1 Amp Super Fast Recovery
SUGC10AH DGNJDZ-SUGC10AH Datasheet
139Kb / 2P
   1 Amp Super Fast Recovery
logo
Micro Commercial Compon...
HS1K MCC-HS1K Datasheet
280Kb / 3P
   1 Amp Super Fast Recovery Rectifier 800 Volts
logo
Fuji Electric
ES1A FUJI-ES1A Datasheet
724Kb / 1P
   1 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
Central Semiconductor C...
CMR1S-01 CENTRAL-CMR1S-01_10 Datasheet
296Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER 1 AMP
logo
Micro Commercial Compon...
ER1VG MCC-ER1VG Datasheet
658Kb / 1P
   1 Amp Super Fast Recovery Silicon Rectifier 1400 Volts
logo
Nanjing International G...
US1001FL DGNJDZ-US1001FL Datasheet
292Kb / 3P
   1 Amp Ultra Fast Recovery
logo
List of Unclassifed Man...
1N4933 ETC-1N4933 Datasheet
764Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
MFS112 MICROSEMI-MFS112 Datasheet
102Kb / 2P
   1 AMP FAST RECOVERY RECTIFIER
logo
Fuji Electric
PR1001 FUJI-PR1001 Datasheet
769Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com