Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACM2012EACM2012E Datasheet(PDF) 3 Page - TDK Electronics

Part # ACM2012EACM2012E
Description  Common Mode Filters For high-speed differential signal line, general signal line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012EACM2012E Datasheet(HTML) 3 Page - TDK Electronics

  ACM2012EACM2012E Datasheet HTML 1Page - TDK Electronics ACM2012EACM2012E Datasheet HTML 2Page - TDK Electronics ACM2012EACM2012E Datasheet HTML 3Page - TDK Electronics ACM2012EACM2012E Datasheet HTML 4Page - TDK Electronics ACM2012EACM2012E Datasheet HTML 5Page - TDK Electronics ACM2012EACM2012E Datasheet HTML 6Page - TDK Electronics ACM2012EACM2012E Datasheet HTML 7Page - TDK Electronics ACM2012EACM2012E Datasheet HTML 8Page - TDK Electronics ACM2012EACM2012E Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(3/9)
20160212 / cmf_commercial_signal_acm2012e_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
Common Mode Filters
For high-speed differential signal line, general signal line
FEATURES
Downsized, low height wound type chip common mode filter that maintains required common mode filter characteristics.
Impedance for common mode noise can clear 1000
: [100MHz], and has excellent EMC suppression.
Differential mode impedance is suppressed, so there is virtually no affect on high speed signals.
APPLICATION
Common mode noise countermeasure for high-speed differential signals where influence to the signal is a concern.
USB line for PCs and peripheral devices.
IEEE1394 lines and ETHERNET lines for PCs, STBs, etc.
LCD panel LVDS and Panel Link lines.
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Overview of ACM2012E Type
ACM
2012
E
-
670
-
2P
-
T
00
Series
name
L×W×H Dimensions
Product
internal code
Impedance
Number of
lines
Packaging style
Internal code
(mm)
(
:) at 100MHz
2012
2.0×1.2×1.0
E
670
67
2P
2 lines
T
ø180mm reel
00
General signal line
900
90
01
High-speed
differential signal line
121
120
181
180
251
250
391
390
681
680
102
1000
Type
Temperature range
Reel diameter
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(mm)
(pieces/reel)
(mg)
ACM2012E
–40 to +85
–40 to +85
ø180
2,000
8
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - ACM2012EACM2012E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012E TDK-ACM2012E Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
ACM2012E-102-2P-T00 TDK-ACM2012E-102-2P-T00 Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
ACM2012E-121-2P-T00 TDK-ACM2012E-121-2P-T00 Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
ACM2012E-181-2P-T00 TDK-ACM2012E-181-2P-T00 Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
ACM2012E-251-2P-T00 TDK-ACM2012E-251-2P-T00 Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
More results

Similar Description - ACM2012EACM2012E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012 TDK-ACM2012_11 Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-800-2P-T001 TDK-ACM3225-800-2P-T001 Datasheet
90Kb / 4P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2520-102-2P-T002 TDK-ACM2520-102-2P-T002_16 Datasheet
125Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-102-2P-T TDK-ACM3225-102-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line ACM series
MCZ1210AH TDK-MCZ1210AH Datasheet
89Kb / 5P
   Common Mode Filters For high-speed differential signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
TCM2010 TDK-TCM2010_07 Datasheet
37Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1210G-301-2P-T200 TDK-TCM1210G-301-2P-T200 Datasheet
48Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com