Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF32 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SF32
Description  3.0 AMP SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SF32 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SF32 Datasheet HTML 1Page - Nanjing International Group Co SF32 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SF31 THRU SF38)
FIG.4-TYPICAL REVERSE
FIG.1- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT
FIG.6-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
0.5
1.0
1.5
2.0
2.5
3.0
175
150
125
100
75
50
25
0
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
DERATING CURVE
Tj=100 C
Tj=25 C
25
0
50
75
100
125
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,( C)
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80 100 120 140
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.4
.6
.8
1.0 1.2 1.4 1.6
1.8
3.0
Tj=25 C


Similar Part No. - SF32

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF32 MOSPEC-SF32 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF32 SAMYANG-SF32 Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
EIC discrete Semiconduc...
SF32 EIC-SF32 Datasheet
40Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Leshan Radio Company
SF32 LRC-SF32 Datasheet
59Kb / 2P
   SUPER FAST DIODES
logo
SUNMATE electronic Co.,...
SF32 SUNMATE-SF32 Datasheet
135Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier Diodes
More results

Similar Description - SF32

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF38 FORMOSA-SF38 Datasheet
65Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
SF31 FORMOSA-SF31 Datasheet
36Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF31 UNIOHM-SF31 Datasheet
70Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF31 YIXIN-SF31 Datasheet
262Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF31 GWSEMI-SF31 Datasheet
71Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
31DF4 LUGUANG-31DF4 Datasheet
183Kb / 2P
   3.0 AMP. Super Fast Rectifiers
logo
Bytes
SF31 BYTES-SF31 Datasheet
161Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ER3A DGNJDZ-ER3A Datasheet
220Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
HER301 FCI-HER301 Datasheet
158Kb / 2P
   3.0 Amp SUPER FAST PLASTIC RECTIFIERS
SF31 FCI-SF31 Datasheet
159Kb / 2P
   3.0 Amp SUPER FAST PLASTIC RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com