Electronic Components Datasheet Search |
|
DF13A-30DP-1.25DS Datasheet(PDF) 9 Page - Hirose Electric |
|
DF13A-30DP-1.25DS Datasheet(HTML) 9 Page - Hirose Electric |
9 / 11 page B191 sCrimping Contact SMT (Double Row Product) Through hole (Single Row Product) SMT (Single Row Product) Conductor Size (Wire construction) Jacket Diameter AWG26(7 cores./0.16mm) AWG28(7 cores./0.127mm) Ø0.65 to Ø1.0mm AWG30(7 cores./0.1mm) qApplicable Cable (Tin Plating Annealed Copper Wire) qRecommended Cable UL1571 qStrip Length 1.2 to 1.9mm Part Number CL No. Packaging Type Quantity Finish DF13-2630SCF 536-0300-5 Reel 10,000 Tin plating DF13-2630SCFA 536-0298-5 Reel 10,000 Gold plating Note:If other cables are used instead of the applicable cable, please contact the Hirose sales department. BApplicable Crimping Tool BApplication Pattern Type Part Number CL No. Applicable Contact Applicator AP105-DF13-2630S 901-4531-9 DF13-2630SCF/SCFA Press Main Unit CM-105 901-0005-4 --------------- Manual Crimping Tool DF13-TB2630HC 550-0256-1 DF13-2630SCF Extraction Tool DF-C-PO(B) 550-0179-2 DF13-2630SCF Note 1.If a trouble has occurred due to other tools, which are not designated by Hirose, Hirose won't guarantee any product. Note 2.The manual crimping tool is used to sequentially cut the reel contact with carrier. |
Similar Part No. - DF13A-30DP-1.25DS |
|