Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9013 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # S9013
Description  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

S9013 Datasheet(HTML) 1 Page - Nanjing International Group Co

  S9013 Datasheet HTML 1Page - Nanjing International Group Co S9013 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S9013
NPN Silicon Epitaxial Planar Transistor
for switching and amplifier applications. Especially
suitable for AF-driver stages and low power output
stages.
The transistor is subdivided into three groups, G,
H and I, according to its DC current gain. As
complementary type the PNP transistor 9012 is
recommended.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
40
V
Collector Emitter Voltage
VCEO
30
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
500
mA
Power Dissipation
Ptot
625
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 50 mA
Current Gain Group
at VCE = 1 V, IC = 500 mA
G
H
I
hFE
hFE
hFE
hFE
110
1
90
2
90
40
200
300
380
-
-
-
-
-
Collector Base Cutoff Current
at VCB = 35 V
ICBO
-
100
nA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
100
nA
Collector Bae Breakdown Voltage
at IC = 100 μA
V(BR)CBO
40
-
V
Collector Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
30
-
V
Emitter Base Breakdown Voltage
at IE = 100 μA
V(BR)EBO
5
-
V
Collector Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VCE(sat)
-
0.6
V
Base Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VBE(sat)
-
1.2
V
Base Emitter Voltage
at VCE = 1 V, IC = 100 mA
VBE
-
1
V
Gain Bandwidth Product
at VCE = 6 V, IC = 20 mA
fT
100
-
MHz
1. Emitter 2. Base 3. Collector
TO-92 Plastic Package


Similar Part No. - S9013

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9013 FAIRCHILD-S9013 Datasheet
40Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
SUNMATE electronic Co.,...
S9013 SUNMATE-S9013 Datasheet
752Kb / 3P
   NPN SILICON EPITAXIAL PLANAR TRANSISTOR
logo
Shanghai Leiditech Elec...
S9013 LEIDITECH-S9013 Datasheet
588Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
AUK corp
S9013 AUK-S9013 Datasheet
87Kb / 3P
   NPN Silicon Transistor
logo
Galaxy Semi-Conductor H...
S9013 BILIN-S9013 Datasheet
220Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - S9013

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com