Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY67013-396LF Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SKY67013-396LF
Description  300 to 1500 MHz Low-Noise, Low-Current Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY67013-396LF Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SKY67013-396LF_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DATA SHEET • SKY67013-396LF: LOW-NOISE, LOW-CURRENT AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201657F • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • April 22, 2015
9
02
4
6
810
12
14
16
18
20
22
24
Frequency (GHz)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.0
0.5
1.5
0
–40 °C
+25 °C
+85 °C
Figure 26. Stability Factor (
μ2) vs Frequency and Temperature, Wide Band
Evaluation Board Description
The SKY67013-396LF Evaluation Board is used to test the
performance of the SKY67013-396LF LNA. An assembly drawing
for the Evaluation Board is shown in Figure 27. An Evaluation
Board schematic diagram is provided in Figure 28. Table 5
provides the Bill of Materials (BOM) list for Evaluation Board
components.
Package Dimensions
The PCB layout footprint for the SKY67013-396LF is provided in
Figure 29. Typical part markings are shown in Figure 30. Package
dimensions for the 8-pin DFN are shown in Figure 31, and tape
and reel dimensions are provided in Figure 32.
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SKY67013-396LF is rated to Moisture Sensitivity Level 1
(MSL1) at 260
C. It can be used for lead or lead-free soldering.
For additional information, refer to the Skyworks Application Note,
Solder Reflow Information, document number 200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.


Similar Part No. - SKY67013-396LF_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67013-396LF SKYWORKS-SKY67013-396LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY67013-396LF_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67013_396LF SKYWORKS-SKY67013_396LF Datasheet
2Mb / 15P
   300 to 1500 MHz Low-Noise, Low-Current
SKY67012_396LF SKYWORKS-SKY67012_396LF Datasheet
2Mb / 15P
   300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67012-396LF SKYWORKS-SKY67012-396LF Datasheet
2Mb / 15P
   300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67150-396LF SKYWORKS-SKY67150-396LF Datasheet
1Mb / 19P
   300 to 2200 MHz Ultra Low-Noise Amplifier
SKY65045-70LF SKYWORKS-SKY65045-70LF Datasheet
3Mb / 22P
   390 - 1500 MHz Low Noise Power Amplifier Driver
SKY65080-70LF SKYWORKS-SKY65080-70LF Datasheet
172Kb / 11P
   1500-2500 MHz Low Noise Power Amplifier Driver
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350 Datasheet
383Kb / 21P
   550 MHz, Low Noise Current Feedback Amplifier
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com