Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF13C-10DP-1.25DS Datasheet(PDF) 7 Page - Hirose Electric

Part # DF13C-10DP-1.25DS
Description  1.25mm Pitch Miniature Crimping Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13C-10DP-1.25DS Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF13C-10DP-1.25DS Datasheet HTML 3Page - Hirose Electric DF13C-10DP-1.25DS Datasheet HTML 4Page - Hirose Electric DF13C-10DP-1.25DS Datasheet HTML 5Page - Hirose Electric DF13C-10DP-1.25DS Datasheet HTML 6Page - Hirose Electric DF13C-10DP-1.25DS Datasheet HTML 7Page - Hirose Electric DF13C-10DP-1.25DS Datasheet HTML 8Page - Hirose Electric DF13C-10DP-1.25DS Datasheet HTML 9Page - Hirose Electric DF13C-10DP-1.25DS Datasheet HTML 10Page - Hirose Electric DF13C-10DP-1.25DS Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
B189
sSingle Row Right Angle Pin Header (SMT)
s(Four-Wall/Correspond to Emboss Absorption)
BPCB mounting pattern
[Specific No.] – **, (**)
(20): Tin plated tube packaging
(21): Tin plated embossed tape packaging
(50): Gold plated tube packaging
(51): Gold plated embossed tape packaging
Note 1.Please order the tube packaging product, multiplying the tube packaging quantity.
Note 2.Please order the embossed tape packaging product according to reel number. (1000 pcs. per reel)
BTube Dimensions
Unit: mm
Part Number
CL No.
DF13- 2P-1.25H(**)
DF13- 3P-1.25H(**)
DF13- 4P-1.25H(**)
DF13- 5P-1.25H(**)
DF13- 6P-1.25H(**)
DF13- 7P-1.25H(**)
DF13- 8P-1.25H(**)
DF13- 9P-1.25H(**)
DF13-10P-1.25H(**)
DF13-11P-1.25H(**)
DF13-12P-1.25H(**)
DF13-14P-1.25H(**)
DF13-15P-1.25H(**)
536-0251-1-**
536-0252-4-**
536-0253-7-**
536-0254-0-**
536-0255-2-**
536-0256-5-**
536-0257-8-**
536-0258-0-**
536-0259-3-**
536-0260-2-**
536-0261-5-**
536-0263-0-**
536-0264-3-**
2
3
4
5
6
7
8
9
10
11
12
14
15
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
16.25
17.50
Number of
Contacts
A
4.15
5.40
6.65
7.90
9.15
10.40
11.65
12.90
14.15
15.40
16.65
19.15
20.40
B
7.15
8.40
9.65
10.90
12.15
13.40
14.65
15.90
17.15
18.40
19.65
22.15
23.40
C
3.35
4.60
5.85
7.10
8.35
9.60
10.85
12.10
13.35
14.60
15.85
18.35
19.60
D
5.65
6.90
8.15
9.40
10.65
11.90
13.15
14.40
15.65
16.90
18.15
20.65
21.90
E
67pcs
57
49
44
39
36
33
30
28
26
24
21
20
16
16
24
24
24
24
24
24
24
32
32
32
44
Tube Packaging
Quantity
Emboss
Width
With
boss
Remarks
DF13A- 2P-1.25H(**)
DF13A- 3P-1.25H(**)
DF13A- 4P-1.25H(**)
DF13A- 5P-1.25H(**)
DF13A- 6P-1.25H(**)
DF13A- 7P-1.25H(**)
DF13A- 8P-1.25H(**)
DF13A- 9P-1.25H(**)
DF13A-10P-1.25H(**)
DF13A-11P-1.25H(**)
DF13A-12P-1.25H(**)
DF13A-14P-1.25H(**)
DF13A-15P-1.25H(**)
536-0301-8-**
536-0302-0-**
536-0303-3-**
536-0304-6-**
536-0305-9-**
536-0306-1-**
536-0307-4-**
536-0308-7-**
536-0309-0-**
536-0310-9-**
536-0311-1-**
536-0313-7-**
536-0314-0-**
2
3
4
5
6
7
8
9
10
11
12
14
15
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
16.25
17.50
4.15
5.40
6.65
7.90
9.15
10.40
11.65
12.90
14.15
15.40
16.65
19.15
20.40
7.15
8.40
9.65
10.90
12.15
13.40
14.65
15.90
17.15
18.40
19.65
22.15
23.40
5.65
6.90
8.15
9.40
10.65
11.90
13.15
14.40
15.65
16.90
18.15
20.65
21.90
67pcs
57
49
44
39
36
33
30
28
26
24
21
20
16
16
24
24
24
24
24
24
24
32
32
32
44
Without
boss


Similar Part No. - DF13C-10DP-1.25DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
More results

Similar Description - DF13C-10DP-1.25DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com