Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW06-5V8 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BZW06-5V8
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZW06-5V8 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BZW06-5V8 Datasheet HTML 1Page - Diotec Semiconductor BZW06-5V8 Datasheet HTML 2Page - Diotec Semiconductor BZW06-5V8 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
F:\Data\Wp\DatBlatt\Einzelblätter\bzw06.wpd
BZW 06-5V8 ... BZW 06-376B
Maximum ratings
Grenzwerte
Type
Typ
Stand-off
voltage
Sperrspanng
Max. rev. current
Max. Sperrstrom
at / bei V
WM
Breakdown voltage at I
T = 1 mA
Abbruch-Spannung bei I
T = 1 mA
*) at / bei I
T = 10 mA
Max. clamping voltage
Max. Begrenzer-Spanng
at / bei I
PPM (10/1000
:s)
V
WM [V]
I
D [
:A]
V
BR min. [V]
V
BR max. [V]
V
C [V]
I
PPM [A]
BZW 06-5V8
5.8
1000
6.8 ± 5%
6.45...7.14 *)
10.5
57
BZW 06-6V4
6.4
500
7.5 ± 5%
7.13...7.88 *)
11.3
53
BZW 06-7V0
7.02
200
8.2 ± 5%
7.79...8.61 *)
12.1
50
BZW 06-7V8
7.78
50
9.1 ± 5%
8.65...9.55
13.4
45
BZW 06-8V5
8.55
10
10 ± 5%
9.5...10.5
14.5
41
BZW 06-9V4
9.4
5
11 ± 5%
10.5...11.6
15.6
38
BZW 06-10
10.2
5
12 ± 5%
11.4...12.6
16.7
36
BZW 06-11
11.1
5
13 ± 5%
12.4...13.7
18.2
33
BZW 06-13
12.8
5
15 ± 5%
14.3...15.8
21.2
28
BZW 06-14
13.6
5
16 ± 5%
15.2...16.8
22.5
27
BZW 06-15
15.3
5
18 ± 5%
17.1...18.9
25.2
24
BZW 06-17
17.1
5
20 ± 5%
19.0...21.0
27.7
22
BZW 06-19
18.8
5
22 ± 5%
20.9...23.1
30.6
20
BZW 06-20
20.5
5
24 ± 5%
22.8...25.2
33.2
18
BZW 06-23
23.1
5
27 ± 5%
25.7...28.4
37.5
16
BZW 06-26
25,6
5
30 ± 5%
28.5...31.5
41.5
14.5
BZW 06-28
28.2
5
33 ± 5%
31.4...34.7
45.7
13.1
BZW 06-31
30.8
5
36 ± 5%
34.2...37.8
49.9
12.0
BZW 06-33
33.3
5
39 ± 5%
37.1...41.0
53.9
11.1
BZW 06-37
36.8
5
43 ± 5%
40.9...45.2
59.3
10.1
BZW 06-40
40.2
5
47 ± 5%
44.7...49.4
64.8
9.3
BZW 06-44
43.6
5
51 ± 5%
48.5...53.6
70.1
8.6
BZW 06-48
47.8
5
56 ± 5%
53.2...58.8
77.0
7.8
BZW 06-53
53.0
5
62 ± 5%
58.9...65.1
85.0
7.1
BZW 06-58
58.1
5
68 ± 5%
64.6...71.4
92.0
6.5
BZW 06-64
64.1
5
75 ± 5%
71.3...78.8
103
5.8
BZW 06-70
70.1
5
82 ± 5%
77.9...86.1
113
5.3
BZW 06-78
77.8
5
91 ± 5%
86.5...95.5
125
4.8
BZW 06-85
85.8
5
100 ± 5%
95.0...105
137
4.4
BZW 06-94
94.0
5
110 ± 5%
105...116
152
3.9
BZW 06-102
102
5
120 ± 5%
114...126
165
3.6
BZW 06-111
111
5
130 ± 5%
124...137
179
3.4
BZW 06-128
128
5
150 ± 5%
143...158
207
2.9
BZW 06-136
136
5
160 ± 5%
152...168
219
2.7
BZW 06-145
145
5
170 ± 5%
162...179
234
2.6
BZW 06-154
154
5
180 ± 5%
171...189
246
2.4
BZW 06-171
171
5
200 ± 5%
190...210
274
2.2
BZW 06-188
188
5
220 ± 5%
209...231
301
2.0
BZW 06-213
213
5
250 ± 5%
237...263
344
1.8
BZW 06-239
239
5
280 ± 5%
266...294
384
1.7
BZW 06-256
256
5
300 ± 5%
285...315
414
1.6
BZW 06-273
273
5
320 ± 5%
304...336
438
1.6
BZW 06-299
299
5
350 ± 5%
332...368
482
1.6
BZW 06-342
342
5
400 ± 5%
380...420
548
1.3
BZW 06-376
376
5
440 ± 5%
418...462
603
1.3


Similar Part No. - BZW06-5V8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-5V8 STMICROELECTRONICS-BZW06-5V8 Datasheet
172Kb / 6P
   TRANSIL
logo
SUNMATE electronic Co.,...
BZW06-5V8 SUNMATE-BZW06-5V8 Datasheet
1Mb / 3P
   600 Watts Axial Leaded Transient Voltage Suppressors
logo
List of Unclassifed Man...
BZW06-5V8 ETC-BZW06-5V8 Datasheet
66Kb / 4P
   600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
STMicroelectronics
BZW06-5V8 STMICROELECTRONICS-BZW06-5V8 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Semikron International
BZW06-5V8 SEMIKRON-BZW06-5V8 Datasheet
151Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - BZW06-5V8

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com