Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYZ50A33 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BYZ50A33
Description  Silicon Protectifiers with TVS characteristics High-temperature diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYZ50A33 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BYZ50A33 Datasheet HTML 1Page - Diotec Semiconductor BYZ50A33 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
04.09.2002
BYZ 50A22 ... BYZ 50A47
BYZ 50K22 ... BYZ 50K47
Silicon Protectifiers
Silizium Schutzgleichrichter
with TVS characteristics
mit Begrenzereigenschaften
High-temperature diodes
Hochtemperaturdioden
Nominal current – Nennstrom
50 A
Nominal breakdown voltage
19.8 ... 51.7 V
Nominale Abbruch-Spannung
Metal press-fit case with plastic cover
Metall-Einpreßgehäuse mit Plastik-Abdeckung
Weight approx. – Gewicht ca.
10 g
Casting compound has UL classification 94V-0
Vergußmasse UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging: bulk
Standard Lieferform: lose im Karton
Maximum ratings
Grenzwerte
Type / Typ
Wire to / Draht an
Anode
Cathode
Breakdown voltage
Abbruch-Spannung
I
T = 100 mA
V
BRmin [V] VBRmax
Reverse voltage
Sperrspannung
I
R = 5
:A
V
R [V]
Max. clamping voltage
Max. Begrenzerspanng.
at / bei I
PP, tp = 1m s
V
C [V]
I
PP [A]
BYZ 50A22
BYZ 50K22
19.8
24.2
> 17.8
31,9
242
BYZ 50A27
BYZ 50K27
24.3
29.7
> 21.8
39,1
192
BYZ 50A33
BYZ 50K33
29.7
36.3
> 26.8
47,7
160
BYZ 50A39
BYZ 50K39
35.1
42.9
> 31.6
56,4
134
BYZ 50A47
BYZ 50K47
42.3
51.7
> 38.1
67,8
112
Max. average forward rectified current, R-load
T
C = 150
/CI
FAV
50 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Peak forward surge current, 50 / 60 Hz half sine-wave
T
A = 25
/CI
FSM
400 / 450 A
Stoßstrom für eine 50 / 60 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t <10 ms
T
A = 25
/Ci2t
800 A2s
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 50 A
V
F
< 1.1 V
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+215
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+215
/C
Ø
±01
13
1.3
Ø
±0.1
11
Ø 12.75


Similar Part No. - BYZ50A33

ManufacturerPart #DatasheetDescription
logo
Semikron International
BYZ50A33 SEMIKRON-BYZ50A33 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ50A33 DIOTEC-BYZ50A33 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ50A33 DIOTEC-BYZ50A33 Datasheet
108Kb / 2P
   High Temperature Diodes
BYZ50A33 DIOTEC-BYZ50A33 Datasheet
156Kb / 2P
   Press-Fit Diodes ??Protectifiers
More results

Similar Description - BYZ50A33

ManufacturerPart #DatasheetDescription
logo
Semikron International
BYZ35A22 SEMIKRON-BYZ35A22_06 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22 Datasheet
152Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Semikron International
BYZ50A22 SEMIKRON-BYZ50A22_06 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ50A22 SEMIKRON-BYZ50A22 Datasheet
206Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ35A22 SEMIKRON-BYZ35A22 Datasheet
206Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22_07 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic - High Temperature Diodes
BYZ50A22 DIOTEC-BYZ50A22_09 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ35A22 DIOTEC-BYZ35A22_09 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ50A22 DIOTEC-BYZ50A22_07 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic -High Temperature Diodes
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
   Silicon Protectifiers with TVS characteristic - Button Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com