Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM231D1BRIZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM231D1BRIZ-RL
Description  5.0 kV RMS Triple Channel Digital Isolators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM231D1BRIZ-RL Datasheet(HTML) 1 Page - Analog Devices

  ADuM231D1BRIZ-RL Datasheet HTML 1Page - Analog Devices ADuM231D1BRIZ-RL Datasheet HTML 2Page - Analog Devices ADuM231D1BRIZ-RL Datasheet HTML 3Page - Analog Devices ADuM231D1BRIZ-RL Datasheet HTML 4Page - Analog Devices ADuM231D1BRIZ-RL Datasheet HTML 5Page - Analog Devices ADuM231D1BRIZ-RL Datasheet HTML 6Page - Analog Devices ADuM231D1BRIZ-RL Datasheet HTML 7Page - Analog Devices ADuM231D1BRIZ-RL Datasheet HTML 8Page - Analog Devices ADuM231D1BRIZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
5.0 kV RMS Triple Channel Digital Isolators
Data Sheet
ADuM230D/ADuM230E/ADuM231D/ADuM231E
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High common-mode transient immunity: 100 kV/μs
High robustness to radiated and conducted noise
Low propagation delay: 13 ns maximum for 5 V operation,
15 ns maximum for 1.8 V operation
150 Mbps maximum data rate
Safety and regulatory approvals (pending)
UL recognition
5000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 849 V peak
8000 V peak reinforced surge isolation voltage (VIOSM)
CQC certification per GB4943.1-2011
Low dynamic power consumption
1.8 V to 5 V level translation
High temperature operation: 125°C
Fail-safe high or low options
16-lead, RoHS compliant, SOIC package
APPLICATIONS
General-purpose multichannel isolation
Serial peripheral interface (SPI)/data converter isolation
Industrial field bus isolation
GENERAL DESCRIPTION
The ADuM230D/ADuM230E/ADuM231D/ADuM231E1 are
triple-channel digital isolators based on Analog Devices, Inc.,
iCoupler® technology. Combining high speed, complementary
metal-oxide semiconductor (CMOS) and monolithic air core
transformer technology, these isolation components provide
outstanding performance characteristics superior to alternatives
such as optocoupler devices and other integrated couplers. The
maximum propagation delay is 13 ns with a pulse width
distortion of less than 3 ns at 5 V operation. Channel matching
is tight at 3.0 ns maximum.
The ADuM230D/ADuM230E/ADuM231D/ADuM231E data
channels are independent and are available in a variety of
configurations with a withstand voltage rating of 5.0 kV rms
(see the Ordering Guide). The devices operate with the supply
voltage on either side ranging from 1.8 V to 5 V, providing
compatibility with lower voltage systems as well as enabling
voltage translation functionality across the isolation barrier.
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. ADuM230D Functional Block Diagram
Figure 2. ADuM230E Functional Block Diagram
Figure 3. ADuM231D Functional Block Diagram
Figure 4. ADuM231E Functional Block Diagram
Unlike other optocoupler alternatives, dc correctness is ensured
in the absence of input logic transitions. Two different fail-safe
options are available, by which the outputs transition to a
predetermined state when the input power supply is not applied
or the inputs are disabled.
1 Protected by U.S. Patents 5,952,849; 6,873,065; 6,903,578; and 7,075,329. Other patents are pending.
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
VIC
NIC
DISABLE1
GND1
VDD2
GND2
VOA
VOB
VOC
NIC
NIC
GND2
NIC = NO INTERNAL CONNECTION. LEAVE THIS PIN FLOATING.
16
15
14
13
12
11
10
1
2
3
4
5
6
7
9
8
ADuM230D
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
NIC = NO INTERNAL CONNECTION. LEAVE THIS PIN FLOATING.
16
15
14
13
12
11
10
1
2
3
4
5
6
7
9
8
ADuM230E
GND1
VIA
VIB
VIC
NIC
NIC
GND1
VDD2
GND2
VOA
VOB
VOC
NIC
VE2
GND2
ENCODE
DECODE
ENCODE
DECODE
DECODE
ENCODE
VDD1
GND1
VIA
VIB
VOC
NIC
DISABLE1
GND1
VDD2
GND2
VOA
VOB
VIC
NIC
DISABLE2
GND2
NIC = NO INTERNAL CONNECTION. LEAVE THIS PIN FLOATING.
16
15
14
13
12
11
10
1
2
3
4
5
6
7
9
8
ADuM231D
ENCODE
DECODE
ENCODE
DECODE
DECODE
ENCODE
VDD1
NIC = NO INTERNAL CONNECTION. LEAVE THIS PIN FLOATING.
16
15
14
13
12
11
10
1
2
3
4
5
6
7
9
8
ADuM231E
GND1
VIA
VIB
VOC
VE1
NIC
GND1
VDD2
GND2
VOA
VOB
VIC
NIC
VE2
GND2


Similar Part No. - ADuM231D1BRIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ AD-ADUM210N0BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ-RL AD-ADUM210N0BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ AD-ADUM210N1BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ-RL AD-ADUM210N1BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
More results

Similar Description - ADuM231D1BRIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com