Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM4152BRIZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADuM4152BRIZ
Description  5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4152BRIZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuM4152BRIZ Datasheet HTML 5Page - Analog Devices ADuM4152BRIZ Datasheet HTML 6Page - Analog Devices ADuM4152BRIZ Datasheet HTML 7Page - Analog Devices ADuM4152BRIZ Datasheet HTML 8Page - Analog Devices ADuM4152BRIZ Datasheet HTML 9Page - Analog Devices ADuM4152BRIZ Datasheet HTML 10Page - Analog Devices ADuM4152BRIZ Datasheet HTML 11Page - Analog Devices ADuM4152BRIZ Datasheet HTML 12Page - Analog Devices ADuM4152BRIZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
ADuM4151/ADuM4152/ADuM4153
ELECTRICAL CHARACTERISTICS—MIXED 3.3 V/5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = 3.3 V, and VDD2 = 5 V. Minimum and maximum specifications apply over the entire
recommended operation range: 3.0 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching
specifications are tested with CL =15 pF and CMOS signal levels, unless otherwise noted.
Table 10. Switching Specifications
Parameter
Symbol
A Grade
B Grade
Unit
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
MCLK, MO, SO
SPI Clock Rate
SPIMCLK
1
15.6
MHz
Data Rate Fast (MO, SO)
DRFAST
2
34
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
27
16
ns
50% input to 50% output
Pulse Width
PW
100
12.5
ns
Within PWD limit
Pulse Width Distortion
PWD
3
3
ns
|tPLH − tPHL|
Codirectional Channel Matching1
tPSKCD
5
2
ns
Jitter, High Speed
JHS
1
1
ns
MSS
Data Rate Fast
DRFAST
2
34
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
27
27
ns
50% input to 50% output
Pulse Width
PW
100
12.5
ns
Within PWD limit
Pulse Width Distortion
PWD
2
3
ns
|tPLH − tPHL|
Setup Time2
MSSSETUP
1.5
10
ns
Jitter, High Speed
JHS
1
1
ns
VIA, VIB, VIC
Data Rate
DRSLOW
250
250
kbps
Within PWD limit
Propagation Delay
tPHL, tPLH
0.1
2.6
0.1
2.6
µs
50% input to 50% output
Pulse Width
PW
4
4
µs
Within PWD limit
Jitter, Low Speed
JLS
2.5
2.5
µs
|tPLH − tPHL|
VIx3 Minimum Input Skew4
tVIx SKEW3
10
10
ns
1
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier.
2
The MSS signal is glitch filtered in both speed grades, whereas the other fast signals are not glitch filtered in the B grade. To guarantee that MSS reaches the output
ahead of another fast signal, it must be set up prior to the competing signal by different times depending on speed grade.
3
VIx = VIA, VIB, or VIC.
4
An internal asynchronous clock not available to users samples the low speed signals. If edge sequence in codirectional channels is critical to the end application, the
leading pulse must be at least 1 tVIx SKEW time ahead of a later pulse to guarantee the correct order or simultaneous arrival at the output.
Table 11. Supply Current
Device Number
Symbol
1 MHz, A Grade/B Grade
17 MHz, B Grade
Unit
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
ADuM4151
IDD1
2.8
7
10.5
18
mA
CL = 0 pF, low speed channels
IDD2
6.0
10.5
13.0
23
mA
CL = 0 pF, low speed channels
ADuM4152
IDD1
3.5
6.5
11.7
18
mA
CL = 0 pF, low speed channels
IDD2
6.5
10.5
13.4
22.5
mA
CL = 0 pF, low speed channels
ADuM4153
IDD1
2.8
6.5
11.7
18
mA
CL = 0 pF, low speed channels
IDD2
6.0
10.5
13.4
21
mA
CL = 0 pF, low speed channels
Rev. A | Page 9 of 22


Similar Part No. - ADuM4152BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4152BRIZ AD-ADUM4152BRIZ Datasheet
425Kb / 22P
   5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM4152BRIZ-RL AD-ADUM4152BRIZ-RL Datasheet
425Kb / 22P
   5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
More results

Similar Description - ADuM4152BRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4151 AD-ADUM4151_V01 Datasheet
425Kb / 22P
   5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM3151 AD-ADUM3151_V01 Datasheet
421Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM3151 AD-ADUM3151 Datasheet
454Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
ADUM4154 AD-ADUM4154_V01 Datasheet
410Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM3154 AD-ADUM3154 Datasheet
412Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
ADUM3154 AD-ADUM3154_V01 Datasheet
381Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM4150 AD-ADUM4150 Datasheet
456Kb / 21P
   5 kV, 6-Channel, SPIsolator Digital
ADUM4150 AD-ADUM4150_V01 Datasheet
447Kb / 21P
   5 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3150 AD-ADUM3150 Datasheet
414Kb / 21P
   3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com