Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM3153ARSZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADuM3153ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3153ARSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADuM3153ARSZ Datasheet HTML 2Page - Analog Devices ADuM3153ARSZ Datasheet HTML 3Page - Analog Devices ADuM3153ARSZ Datasheet HTML 4Page - Analog Devices ADuM3153ARSZ Datasheet HTML 5Page - Analog Devices ADuM3153ARSZ Datasheet HTML 6Page - Analog Devices ADuM3153ARSZ Datasheet HTML 7Page - Analog Devices ADuM3153ARSZ Datasheet HTML 8Page - Analog Devices ADuM3153ARSZ Datasheet HTML 9Page - Analog Devices ADuM3153ARSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ADuM3151/ADuM3152/ADuM3153
Data Sheet
Table 6. For All Models1, 2, 3
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
MCLK, MSS, MO, SO, VIA, VIB, VIC
Logic High Input Threshold
VIH
0.7 × VDDx
V
Logic Low Input Threshold
VIL
0.3 × VDDx
V
Input Hysteresis
VIHYST
500
mV
Input Current per Channel
II
−1
+0.01
+1
µA
0 V ≤ VINPUT ≤ VDDx
SCLK, SSS, MI, SI, VOA, VOB, VOC
Logic High Output Voltages
VOH
VDDx − 0.1
5.0
V
IOUTPUT = −20 µA, VINPUT = VIH
VDDx − 0.4
4.8
V
IOUTPUT = −4 mA, VINPUT = VIH
Logic Low Output Voltages
VOL
0.0
0.1
V
IOUTPUT = 20 µA, VINPUT = VIL
0.2
0.4
V
IOUTPUT = 4 mA, VINPUT = VIL
VDD1, VDD2 Undervoltage Lockout
UVLO
2.6
V
Supply Current for High Speed Channel
Dynamic Input Supply Current
IDDI(D)
0.086
mA/Mbps
Dynamic Output Supply Current
IDDO(D)
0.019
mA/Mbps
Supply Current for All Low Speed Channels
Quiescent Side 1 Current
IDD1(Q)
2.9
mA
Quiescent Side 2 Current
IDD2(Q)
4.7
mA
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity4
|CM|
25
35
kV/µs
VINPUT = VDDx, VCM = 1000 V,
transient magnitude = 800 V
1
VDDx = VDD1 or VDD2.
2
VINPUT is the input voltage of any of the MCLK, MSS, MO, SO, VIA, VIB, or VIC pins.
3
IOUTPUT is the output current of any of the SCLK, SSS, MI, SI, VOA, VOB, or VOC pins.
4
|CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining output voltages within the VOH and VOL limits. The common-mode
voltage slew rates apply to both rising and falling common-mode voltage edges.
Rev. A | Page 6 of 22


Similar Part No. - ADuM3153ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3153ARSZ AD-ADUM3153ARSZ Datasheet
421Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM3153ARSZ-RL7 AD-ADUM3153ARSZ-RL7 Datasheet
421Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
More results

Similar Description - ADuM3153ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3151 AD-ADUM3151_V01 Datasheet
421Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM4151 AD-ADUM4151 Datasheet
447Kb / 22P
   5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
ADUM4151 AD-ADUM4151_V01 Datasheet
425Kb / 22P
   5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM3154 AD-ADUM3154_V01 Datasheet
381Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM3154 AD-ADUM3154 Datasheet
412Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
ADUM3150 AD-ADUM3150_V01 Datasheet
415Kb / 21P
   3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3150 AD-ADUM3150 Datasheet
414Kb / 21P
   3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
ADUM4154 AD-ADUM4154_V01 Datasheet
410Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com