Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM130E0BRZ-RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADuM130E0BRZ-RL7
Description  3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM130E0BRZ-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuM130E0BRZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM130E0BRZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM130E0BRZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM130E0BRZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM130E0BRZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM130E0BRZ-RL7 Datasheet HTML 10Page - Analog Devices ADuM130E0BRZ-RL7 Datasheet HTML 11Page - Analog Devices ADuM130E0BRZ-RL7 Datasheet HTML 12Page - Analog Devices ADuM130E0BRZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
ADuM130D/ADuM130E/ADuM131D/ADuM131E
Rev. A | Page 9 of 22
INSULATION AND SAFETY RELATED SPECIFICATIONS
For additional information, see www.analog.com/icouplersafety.
Table 9. R-16 Narrow Body [SOIC_N] Package
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
3000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L (I01)
4.0
mm min
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L (I02)
4.0
mm min
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Clearance in the Plane of the Printed
Circuit Board (PCB Clearance)
L (PCB)
4.5
mm min
Measured from input terminals to output terminals,
shortest distance through air, line of sight, in the PCB
mounting plane
Minimum Internal Gap (Internal Clearance)
25.5
μm min
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303 Part 1
Material Group
II
Material Group (DIN VDE 0110, 1/89, Table 1)
Table 10. RW-16 Wide Body [SOIC_W] Package
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
3750
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L (I01)
7.8
mm min
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L (I02)
7.8
mm min
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Clearance in the Plane of the Printed
Circuit Board (PCB Clearance)
L (PCB)
8.1
mm min
Measured from input terminals to output terminals,
shortest distance through air, line of sight, in the PCB
mounting plane
Minimum Internal Gap (Internal Clearance)
25.5
μm min
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303 Part 1
Material Group
II
Material Group (DIN VDE 0110, 1/89, Table 1)
PACKAGE CHARACTERISTICS
Table 11.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
RI-O
1013
Capacitance (Input to Output)1
CI-O
2.2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction to Ambient Thermal Resistance
R-16 Narrow Body [SOIC_N] Package
θJA
76
°C/W
Thermocouple located at center of package underside
RW-16 Wide Body [SOIC_W] Package
θJA
45
°C/W
Thermocouple located at center of package underside
1
The device is considered a 2-terminal device: Pin 1 through Pin 8 are shorted together, and Pin 9 through Pin 16 are shorted together.
2
Input capacitance is from any input data pin to ground.


Similar Part No. - ADuM130E0BRZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1300 AD-ADUM1300 Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
ADUM1300ARW AD-ADUM1300ARW Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADuM1300ARW AD-ADuM1300ARW Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
More results

Similar Description - ADuM130E0BRZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com