Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1278-1BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1278-1BCPZ
Description  Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1278-1BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1278-1BCPZ Datasheet HTML 3Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 4Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 5Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 6Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 7Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 8Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 9Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 10Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Data Sheet
ADM1278
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
PWGIN PIN
Input Current
IPWGIN
50
nA
PWGIN ≤ 3.6 V
PWGIN Threshold
PWGINTH
A Grade and AA Grade
0.99
1.0
1.01
V
PWGIN falling
B Grade Only
0.97
1.0
1.03
V
PWGIN falling
PWGIN Threshold Hysteresis
PWGINHYST
50
60
70
mV
Glitch Filter
1
µs
Asserting and deasserting of PWRGD pin
CURRENT AND VOLTAGE
MONITORING
See Table 3 for power monitor accuracy specifications
ADC Conversion Time
Includes time for power multiplication
144
165
µs
One sample of IOUT; from command received to valid data
in register
64
73
µs
One sample of VIN; from command received to valid data
in register
64
73
µs
One sample of VOUT; from command received to valid data
in register
ADRx PINS
Address Set to 00
0
0.8
V
Connect to GND
Input Current for Address Set
to 00
−40
−22
μA
VADRx = 0 V to 0.8 V
Address Set to 01
135
150
165
kΩ
Resistor to GND
Address Set to 10
−1
+1
μA
No connect state; maximum leakage current allowed
Address Set to 11
2
V
Connect to VCAP
Input Current for Address Set
to 11
3
10
μA
VADRx = 2.0 V to VCAP; must not exceed the maximum
allowable current draw from VCAP
TEMP PIN
External transistor is 2N3904
Operating Range
−55
+150
°C
Limited by external diode
Accuracy
±1
±10
°C
TA = TDIODE = −40°C to +85°C
Resolution
0.25
°C
LSB size
Output Current Source2
Low Level
5
µA
Medium Level
30
µA
High Level
105
µA
Maximum Series Resistance
for External Diode2
RS
100
For <±0.5°C additional error, CP = 0 F
Maximum Parallel
Capacitance for External
Diode2
CP
1
nF
RS = 0 Ω
SPI DIGITAL INPUTS (SPI_SS,
MCLK, MDAT)
Compatible with SPI Mode 0; MDAT is the output data
pin; output is high impedance when not transmitting
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Output Low Voltage
VOL
0.4
V
IOL = 4 mA
Leakage Current
1
µA
Data Rate
1
MHz
SERIAL BUS DIGITAL INPUTS
(SDA, SCL)
Input High Voltage
VIH
1.1
V
Input Low Voltage
VIL
0.8
V
Output Low Voltage
VOL
0.4
V
IOL = 4 mA
Input Leakage
ILEAK-PIN
−10
+10
μA
−5
+5
μA
Device is not powered
Rev. A | Page 7 of 61


Similar Part No. - ADM1278-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Similar Description - ADM1278-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
   High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com