Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3PCIE2612-A Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3PCIE2612-A
Description  High Bandwidth, 6-Differential Channel 1:2 DP/PCIe Gen2 Display Mux, ATX Pinout
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE2612-A Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3PCIE2612-A_15 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PCIE2612-A_15 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE2612-A_15 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE2612-A_15 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE2612-A_15 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE2612-A_15 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE2612-A_15 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE2612-A_15 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE2612-A_15 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
PS8925D
07/31/08
PI3PCIE2612-A
High Bandwidth, 6-Differential Channel
1:2 DP/PCIe Gen2 Display Mux, ATX Pinout
08-0145
Pin Number Pin Name
Type
Description
30
Rx1-
I
Differential input from PCIE connector or device. Rx1- makes a
differential pair with Rx1+. Rx1- is passed through to the X- pin
on a path that matches the Rx1+ to X+ path.
18
SEL
I
SEL controls the mux through a flow-through latch. 3.6V toller-
ant low-voltage single-ended output
SEL = 0 for PCIE Mode
SEL = 1 for DP Mode
54, 53
Tx0+,Tx0-
O
Analog “pass through” output#2 corresponding to IN_0+ and
IN_0-, when SEL = 0.
52, 51
Tx1+, Tx1-
O
Analog “pass through” output#2 corresponding to IN_1+ and
IN_1-, when SEL = 0.
47, 46
Tx2+, Tx2-
O
Analog “pass through” output#2 corresponding to IN_2+ and
IN_2-, when SEL = 0.
45, 44
Tx3+, Tx3-
O
Analog “pass through” output#2 corresponding to IN_3+ and
IN_3-, when SEL = 0.
6, 17, 22, 27,
34, 50, 55
VDD
Power
3.3V DC Supply, 3.3V +/- 10%
14
X+
I/O
HPD: Low frequency, 0V to 5V/3.3V (nominal) input signal at
the connector. This signal comes from the HDMI/DP connector.
X+: Analog “pass through” output corresponding to Rx1+.
15
X-
I
X- is an analog “pass-through” output corresponding to the Rx1-
input. The path from Rx1- to X- must be matched with the path
from Rx1+ to X+. X+ and X- form a differential pair when the
pass-through mux mode is selected.


Similar Part No. - PI3PCIE2612-A_15

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE2612-AZFE PERICOM-PI3PCIE2612-AZFE Datasheet
777Kb / 18P
   High Bandwidth, 6-Differential Channel 1:2 DP/PCIe Gen2 Display Mux, ATX Pinout
More results

Similar Description - PI3PCIE2612-A_15

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE2612-A PERICOM-PI3PCIE2612-A Datasheet
777Kb / 18P
   High Bandwidth, 6-Differential Channel 1:2 DP/PCIe Gen2 Display Mux, ATX Pinout
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
   4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
NCN2612 ONSEMI-NCN2612 Datasheet
127Kb / 9P
   6-Differential Channel 1:2 Switch for PCIe 2.0 and Display Port 1.1
February, 2011 ??Rev. 1
NCN2612B ONSEMI-NCN2612B Datasheet
410Kb / 10P
   6-Channel Differential 1:2 Switch for PCIe 2.0 and Display Port 1.1
August, 2011 ??Rev. 0
logo
Renesas Technology Corp
9FGL699 RENESAS-9FGL699 Datasheet
4Mb / 15P
   6-OUTPUT LOW POWER DIFFERENTIAL SYNTHESIZER FOR PCIE GEN2
013113
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
   2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Texas Instruments
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com