Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9234BCPZ-500 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9234BCPZ-500
Description  12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9234BCPZ-500 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9234BCPZ-500 Datasheet HTML 5Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 6Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 7Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 8Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 9Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 10Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 11Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 12Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Data Sheet
AD9234
SWITCHING SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate, AIN = −1.0 dBFS, default SPI settings, TA = 25°C, unless otherwise noted.
Table 4.
AD9234-500
AD9234-1000
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK
Clock Rate (at CLK+/CLK− Pins)
Full
0.3
4
0.3
4
GHz
Maximum Sample Rate1
Full
500
1000
MSPS
Minimum Sample Rate2
Full
300
300
MSPS
Clock Pulse Width High
Full
1000
500
ps
Clock Pulse Width Low
Full
1000
500
ps
OUTPUT PARAMETERS
Unit Interval (UI)3
Full
80
200
80
100
ps
Rise Time (tR) (20% to 80% into 100 Ω Load)
25°C
24
32
24
32
ps
Fall Time (tF) (20% to 80% into 100 Ω Load)
25°C
24
32
24
32
ps
PLL Lock Time
25°C
2
2
ms
Data Rate per Channel (NRZ)4
25°C
3.125
5
12.5
3.125
10
12.5
Gbps
LATENCY5
Pipeline Latency
Full
55
55
Clock cycles
Fast Detect Latency
Full
28
28
Clock cycles
Wake-Up Time6
Standby
25°C
1
1
ms
Power-Down
25°C
4
4
ms
APERTURE
Aperture Delay (tA)
Full
530
530
ps
Aperture Uncertainty (Jitter, tj)
Full
55
55
fs rms
Out-of-Range Recovery Time
Full
1
1
Clock Cycles
1
The maximum sample rate is the clock rate after the divider.
2
The minimum sample rate operates at 300 MSPS with L = 2 or L = 1.
3
Baud rate = 1/UI. A subset of this range can be supported.
4
Default L = 4. This number can be changed based on the sample rate and decimation ratio.
5
No DDCs used. L = 4, M = 2, F = 1.
6
Wake-up time is defined as the time required to return to normal operation from power-down mode.
TIMING SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLK+ to SYSREF+ TIMING REQUIREMENTS
See Figure 2
tSU_SR
Device clock to SYSREF+ setup time
117
ps
tH_SR
Device clock to SYSREF+ hold time
−96
ps
SPI TIMING REQUIREMENTS
See Figure 3
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK must be in a logic high state
10
ns
tLOW
Minimum period that SCLK must be in a logic low state
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to an
output relative to the SCLK falling edge (not shown in Figure 3)
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input relative to the SCLK rising edge (not shown in Figure 3)
10
ns
Rev. A | Page 9 of 66


Similar Part No. - AD9234BCPZ-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234BCPZ-500 AD-AD9234BCPZ-500 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9234BCPZ-500 AD-AD9234BCPZ-500 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
More results

Similar Description - AD9234BCPZ-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
AD9213S-CSH AD-AD9213S-CSH Datasheet
2Mb / 23P
   12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. 0
AD9213 AD-AD9213 Datasheet
2Mb / 110P
   12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com