Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9234BCPZ-500 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9234BCPZ-500
Description  12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9234BCPZ-500 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9234BCPZ-500 Datasheet HTML 3Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 4Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 5Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 6Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 7Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 8Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 9Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 10Page - Analog Devices AD9234BCPZ-500 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Data Sheet
AD9234
AD9234-500
AD9234-1000
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
WORST HARMONIC, SECOND OR THIRD3
fIN = 10 MHz
25°C
−84
−89
dBFS
fIN = 170 MHz
Full
−85
−77
−80
−70
dBFS
fIN = 340 MHz
25°C
−85
−79
dBFS
fIN = 450 MHz
25°C
−87
−80
dBFS
fIN = 737 MHz
25°C
−75
−82
dBFS
fIN = 985 MHz
25°C
−75
−79
dBFS
fIN = 1410 MHz
25°C
−71
−78
dBFS
WORST OTHER, EXCLUDING SECOND OR THIRD HARMONIC3
fIN = 10 MHz
25°C
−96
−89
dBFS
fIN = 170 MHz
Full
−82
−95
−85
−76
dBFS
fIN = 340 MHz
25°C
−94
−83
dBFS
fIN = 450 MHz
25°C
−93
−82
dBFS
fIN = 737 MHz
25°C
−88
−81
dBFS
fIN = 985 MHz
25°C
−89
−85
dBFS
fIN = 1410 MHz
25°C
−86
−80
dBFS
TWO-TONE INTERMODULATION DISTORTION (IMD), AIN1 AND AIN2 =
−7 dBFS
fIN1 = 187 MHz, fIN2 = 190 MHz
25°C
−90
−81
dBFS
fIN1 = 338 MHz, fIN2 = 341 MHz
25°C
−86
−78
dBFS
CROSSTALK4
25°C
95
95
dB
FULL POWER BANDWIDTH5
25°C
2
2
GHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Noise density is measured at a low analog input frequency (30 MHz).
3
See Table 9 for recommended settings for the buffer current setting optimized for SFDR.
4
Crosstalk is measured at 170 MHz with a −1.0 dBFS analog input on one channel and no input on the adjacent channel.
5
Measured with circuit shown in Figure 64.
Rev. A | Page 7 of 66


Similar Part No. - AD9234BCPZ-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234BCPZ-500 AD-AD9234BCPZ-500 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9234BCPZ-500 AD-AD9234BCPZ-500 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
More results

Similar Description - AD9234BCPZ-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
AD9213S-CSH AD-AD9213S-CSH Datasheet
2Mb / 23P
   12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. 0
AD9213 AD-AD9213 Datasheet
2Mb / 110P
   12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com