Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI2USB3212 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI2USB3212
Description  5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2USB3212 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI2USB3212_14 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2USB3212_14 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2USB3212_14 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2USB3212_14 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2USB3212_14 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2USB3212_14 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2USB3212_14 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2USB3212_14 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PI2USB3212
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
03/17/14
Switching Waveforms
Voltage Waveforms Enable and Disable Times
tPLZ
VDD/2
VDD/2
VDD
VOH
0V
VOL
VDD/2
VOH –0.3V
VOL +0.3V
VDD/2
tPHZ
tPZL
tPZH
Output
Output
VOL
VOH
SEL
14-0030


Similar Part No. - PI2USB3212_14

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2USB3212ZHE PERICOM-PI2USB3212ZHE Datasheet
63Kb / 1P
   5.0 Gbps USB 3.0 Compatible Single Switch
More results

Similar Description - PI2USB3212_14

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
   USB 3.0, 4:1 Mux/DeMux Switch
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
   3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
PI3EQX7741 PERICOM-PI3EQX7741 Datasheet
665Kb / 1P
   5.0Gbps, 1-port, (2-Channel) USB 3.0 ReDriver
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com