Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7172-4BCPZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # AD7172-4BCPZ-RL
Description  Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7172-4BCPZ-RL Datasheet(HTML) 1 Page - Analog Devices

  AD7172-4BCPZ-RL Datasheet HTML 1Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 2Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 3Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 4Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 5Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 6Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7172-4BCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta
ADC with True Rail-to-Rail Buffers
Data Sheet
AD7172-4
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fast and flexible output rate: 1.25 SPS to 31.25 kSPS
Channel scan data rate of 6.21 kSPS/channel (161 μs settling)
Performance specifications
17.2 noise free bits at 31.25 kSPS
24 noise free bits at 5 SPS
INL: ±2 ppm of FSR
85 dB rejection of 50 Hz and 60 Hz with 50 ms settling
User configurable input channels
4 fully differential channels or 8 single-ended channels
Crosspoint multiplexer
True rail-to-rail analog and reference input buffers
Internal or external clock
Power supply
AVDD1 = 3.0 V to 5.5 V, AVDD2 = IOVDD = 2 V to 5.5 V
Split supply with AVDD1 and AVSS at ±2.5 V or ±1.65 V
ADC current: 1.5 mA
Temperature range: −40°C to +105°C
3- or 4-wire serial digital interface (Schmitt trigger on SCLK)
Serial port interface (SPI), QSPI-, MICROWIRE-, and DSP-
compatible
APPLICATIONS
Process control: PLC/DCS modules
Temperature and pressure measurement
Medical and scientific multichannel instrumentation
Chromatography
GENERAL DESCRIPTION
The AD7172-4 is a low noise, low power, multiplexed, Σ-Δ analog-
to-digital converter (ADC) with 4- or 8-channel (fully differential/
single-ended) inputs for low bandwidth signals. The AD7172-4
has a maximum channel scan rate of 6.21 kSPS (161 μs) for fully
settled data. The output data rates range from 1.25 SPS to 31.25 kSPS.
The AD7172-4 integrates key analog and digital signal condition-
ing blocks to allow users to configure an individual setup for
each analog input channel in use via the SPI. Integrated true rail-to-
rail buffers on the analog inputs and reference inputs provide easy
to drive high impedance inputs.
The digital filter allows simultaneous 50 Hz and 60 Hz rejection
at a 27.27 SPS output data rate. The user can switch between
different filter options according to the demands of each channel
in the application, with further digital processing functions such
as offset and gain calibration registers, which are configurable
on a per channel basis. General-purpose input/outputs (GPIOs)
control external multiplexers synchronous to the ADC conversion
timing. The specified temperature range is −40°C to +105°C.
The AD7172-4 is in a 5 mm × 5 mm, 32-lead LFCSP.
Note that, throughout this data sheet, the dual function pin
names are referenced by the relevant function only.
FUNCTIONAL BLOCK DIAGRAM
AVDD1
AVDD
AVSS
AVSS
PDSW
GPIO0 GPIO1 GPO2 GPO3
XTAL1 XTAL2/CLKIO
DGND
REF– REF+
AVDD2 REGCAPA
AIN0/REF2–
AIN1/REF2+
AIN7
AIN8
Σ-∆ ADC
1.8V
LDO
1.8V
LDO
IOVDD REGCAPD
SERIAL
INTERFACE
AND CONTROL
DIGITAL
FILTER
AD7172-4
XTAL AND INTERNAL
CLOCK OSCILLATOR
CIRCUITRY
CS
SCLK
DIN
DOUT/RDY
SYNC
ERROR
I/O AND EXTERNAL
MUX CONTROL
RAIL-TO-RAIL
REFERENCE
INPUT
BUFFERS
RAIL-TO-RAIL
ANALOG
INPUT
BUFFERS
CROSSPOINT
MULTIPLEXER
Figure 1.


Similar Part No. - AD7172-4BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7172-4BCPZ-RL AD-AD7172-4BCPZ-RL Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7172-4BCPZ-RL7 AD-AD7172-4BCPZ-RL7 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
More results

Similar Description - AD7172-4BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
AD4114 AD-AD4114 Datasheet
549Kb / 49P
   Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com