Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF22AR-4DEP-7.92DSA Datasheet(PDF) 9 Page - Hirose Electric

Part # DF22AR-4DEP-7.92DSA
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22AR-4DEP-7.92DSA Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF22AR-4DEP-7.92DSA Datasheet HTML 5Page - Hirose Electric DF22AR-4DEP-7.92DSA Datasheet HTML 6Page - Hirose Electric DF22AR-4DEP-7.92DSA Datasheet HTML 7Page - Hirose Electric DF22AR-4DEP-7.92DSA Datasheet HTML 8Page - Hirose Electric DF22AR-4DEP-7.92DSA Datasheet HTML 9Page - Hirose Electric DF22AR-4DEP-7.92DSA Datasheet HTML 10Page - Hirose Electric DF22AR-4DEP-7.92DSA Datasheet HTML 11Page - Hirose Electric DF22AR-4DEP-7.92DSA Datasheet HTML 12Page - Hirose Electric DF22AR-4DEP-7.92DSA Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
BPanel Cutout (Panel mount type)
11±0.2
19.76
+0.1
0
(23.72-X)
+0.1
0
17.62
+0.1
0
sIn-line Double-row socket
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts
Lock type
DF22B-4DS-7.92C
DF22C-4DS-7.92C
4
4
Standard lock
Enhanced ergonomic lock
Standard Type (Guide Key: Inside, Color: White)
680-1142-8
680-1082-8
CL No.
Part Number
Number of contacts
Lock type
DF22BR-4DS-7.92C
DF22CR-4DS-7.92C
4
4
Standard lock
Enhanced ergonomic lock
R Type (Guide Key: Right Side, Color: Black)
680-1156-2
680-1084-3
CL No.
Part Number
Number of contacts
Lock type
DF22BL-4DS-7.92C
DF22CL-4DS-7.92C
4
4
Standard lock
Enhanced ergonomic lock
L Type (Guide Key: Left Side, Color: Red)
680-1161-2
680-1151-9
7.92
15.5
Contact No.1
No. of contacts
indicator
Contact No.1
indicator
Cavity No.
(22.49)
(21.29)
A
1
3
2
4
Enhanced
ergonomic lock
Standard lock
sIn-line Double-row Plug
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts Connector type
DF22-4DEP-7.92C
DF22A-4DEP-7.92C
4
4
With snap-in tabs
Without snap-in tabs
Standard Type (Guide Key: Inside, Color: White)
680-1051-4
680-1056-8
CL No.
Part Number
Number of contacts Connector type
DF22R-4DEP-7.92C
DF22AR-4DEP-7.92C
4
4
With snap-in tabs
Without snap-in tabs
R Type (Guide Key: Right Side, Color: Black)
680-1170-3
680-1184-8
CL No.
Part Number
Number of contacts Connector type
DF22L-4DEP-7.92C
DF22AL-4DEP-7.92C
4
4
With snap-in tabs
Without snap-in tabs
L Type (Guide Key: Left Side, Color: Red)
680-1175-7
680-1189-1
17.22
10.5
7.92
Cavity No.
No. of contacts
indicator
Contact No.1
indicator
Contact No.1
indicator
Contact No.1
24.22
33
17.22
10.5
7.92
Cavity No.
No. of contacts
indicator
Contact No.1
1
2
3
4
4
A
1
2
3
4
4
A
Shown with terminated and installed contacts.
Panel thickness
X
2.0
1.6
1.2
0.8
0.48
0.96
1.44
1.92
Shown with terminated and installed contacts.


Similar Part No. - DF22AR-4DEP-7.92DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22AR-4DS-7.92C HIROSE-DF22AR-4DS-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results

Similar Description - DF22AR-4DEP-7.92DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Hirose Electric
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com