Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSR15 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BSR15
Description  Surface mount Si-Epitaxial PlanarTransistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BSR15 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BSR15 Datasheet HTML 1Page - Diotec Semiconductor BSR15 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
2) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
9
01.11.2003
Switching Transistors
BSR 15, BSR 16
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 1)
- V
CE = 10 V, - IC = 0.1 mA
BSR 15
h
FE
35
BSR 16
h
FE
75
- V
CE = 10 V, - IC = 1 mA
BSR 15
h
FE
50
BSR 16
h
FE
100
- V
CE = 10 V, - IC = 10 mA
BSR 15
h
FE
75
BSR 16
h
FE
100
- V
CE = 10 V, - IC = 500 mA
BSR 15
h
FE
30
BSR 16
h
FE
50
- V
CE = 10 V, - IC = 150 mA
h
FE
100
300
Collector saturation volt. – Kollektor-Sättigungsspg. 1)
- I
C = 150 mA, - IB = 15 mA
- V
CEsat
400 mV
- I
C = 500 mA, - IB = 50 mA
- V
CEsat
1.6 V
Base saturation voltage – Basis-Sättigungsspannung 1)
- I
C = 150 mA, - IB = 15 mA
- V
BEsat
1.3 V
- I
C = 500 mA, - IB = 50 mA
- V
BEsat
2.6 V
Gain-Bandwidth Product – Transitfrequenz
- V
CE = 20 V, - IC = 20 mA, f = 100 MHz
f
T
200 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
8 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- V
EB = 2 V, IC = ic = 0, f = 1 MHz
C
EB0
30 pF
Switching times – Schaltzeiten
turn-on time
I
Con = 150 mA
I
Bon = 15 mA
- I
Boff = 15 mA
t
on
40 ns
delay time
t
d
12 ns
rise time
t
r
30 ns
turn-off time
t
off
365 ns
storage time
t
s
300 ns
fall time
t
f
65 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
420 K/W 2)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BSR 13, BSR 14
Marking - Stempelung
BSR 15 = T7
BSR 16 = T8


Similar Part No. - BSR15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR15 PHILIPS-BSR15 Datasheet
45Kb / 8P
   PNP switching transistors
1999 Apr 15
logo
Fairchild Semiconductor
BSR15 FAIRCHILD-BSR15 Datasheet
82Kb / 5P
   PNP General Purpose Amplifier
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
   PNP Switching Transistors
logo
NXP Semiconductors
BSR15 NXP-BSR15 Datasheet
139Kb / 8P
   PNP switching transistors
2004 Jan 13
logo
Continental Device Indi...
BSR15 CDIL-BSR15 Datasheet
152Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BSR15

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com